công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N01S818HAT22IT bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện N01S818HAT22IT
Giải thích chi tiết về linh kiện  1 Mb Ultra-Low Power Serial SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S818HAT22IT bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  N01S818HAT22IT Datasheet HTML 1Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 2Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 3Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 4Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 5Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 6Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 7Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 8Page - ON Semiconductor N01S818HAT22IT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
N01S818HA
http://onsemi.com
2
Table 2. PIN NAMES
Pin Name
Pin Function
CS
Chip Select
SCK
Serial Clock
SI / SIO0
Data Input − SPI mode
Data Input/Output 0 − DUAL and QUAD mode
SO / SIO1
Data Output − SPI mode
Data Input/Output 1 − DUAL and QUAD mode
SC / SIO2
No Connect − SPI and DUAL mode
Data Input/Output 2 − QUAD mode
HOLD / SIO3
HOLD Input − SPI and DUAL mode
Data Input/Output 3 − QUAD mode
VCC
Power
VSS
Ground
Figure 1. Functional Block Diagram
SRAM
Array
Control
Logic
Interface
Circuitry
Decode
Logic
Data Flow
Circuitry
CS
SI / SIO0
SO / SIO1
SIO2
HOLD / SIO3
SCK
Table 3. CONTROL SIGNAL DESCRIPTIONS
Signal
Mode
Used
Name
Description
CS
All
Chip Select
A low level selects the device and a high level puts the device in standby mode. If CS is brought
high during a program cycle, the cycle will complete and then the device will enter standby mode.
When CS is high, SO is in high-Z. CS must be driven low after power-up prior to any sequence
being started.
SCK
All
Serial Clock
Synchronizes all activities between the memory and controller. All incoming addresses, data and
instructions are latched on the rising edge of SCK. Data out is updated after the falling edge of
SCK.
SI
SPI
Serial Data In
Receives instructions, addresses and data on the rising edge of SCK.
SO
SPI
Serial Data Out Data is transferred out after the falling edge of SCK.
HOLD
SPI and
DUAL
Hold
A high level is required for normal operation. Once the device is selected and a serial sequence
is started, this input may be taken low to pause serial communication without resetting the serial
sequence. The pin must be brought low while SCK is low for immediate use. If SCK is not low,
the HOLD function will not be invoked until the next SCK high to low transition. The device must
remain selected during this sequence. SO is high-Z during the Hold time and SI and SCK are
inputs are ignored. To resume operations, HOLD must be pulled high while the SCK pin is low.
Lowering the HOLD input at any time will take to SO output to High-Z.
SIO0 - 1
DUAL
Serial Data
Input / Output
Receives instructions, addresses and data on the rising edge of SCK. Data is transferred out
after the falling edge of SCK. The instruction must be set after power-up to enable the DUAL
access mode.
SIO0 - 3
QUAD
Serial Data
Input / Output
Receives instructions, addresses and data on the rising edge of SCK. Data is transferred out
after the falling edge of SCK. The instruction must be set after power-up to enable the QUAD
access mode.


Số phần tương tự - N01S818HAT22IT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S830BA ONSEMI-N01S830BA Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22E ONSEMI-N01S830BAT22E Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22ET ONSEMI-N01S830BAT22ET Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

Mô tả tương tự - N01S818HAT22IT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com