công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14202EXT bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMZ14202EXT
Giải thích chi tiết về linh kiện  2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202EXT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ14202EXT_15 Datasheet HTML 1Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 2Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 3Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ14202EXT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
25°C
1.8
1.2
1.5
2.5
3.3
5.0
6.0
OUTPUT CURRENT (A)
VIN
CIN
Enable
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ14202EXT
VOUT @ 2A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ14202EXT
SNVS665H – JUNE 2010 – REVISED OCTOBER 2015
LMZ14202EXT 2-A SIMPLE SWITCHER® Power Module With 42-V Maximum Input Voltage
for Demanding Environments and Rugged Applications
1 Features
2 Applications
1
Junction Temperature Range –55°C to 125°C
Point-of-load Conversions from 12-V and 24-V
Input Rail
Integrated Shielded Inductor
Time Critical Projects
Simple PCB Layout
Space Constrained and High Thermal
Flexible Start-up Sequencing Using External Soft-
Requirement Applications
Start and Precision Enable
Negative Output Voltage Applications
Protection Against Inrush Currents and Faults
(See AN-2027 SNVA425)
such as Input UVLO and Output Short Circuit
Single Exposed Pad and Standard Pinout for Easy
3 Description
Mounting and Manufacturing
The LMZ14202EXT SIMPLE SWITCHER® power
Fast Transient Response for Powering FPGAs
module is an easy-to-use step-down DC-DC solution
and ASICs
capable of driving up to 2-A load with exceptional
Low Output Voltage Ripple
power conversion efficiency, line and load regulation,
and output accuracy. The LMZ14202EXT is available
Pin-to-Pin Compatible With Family Devices:
in an innovative package that enhances thermal
LMZ14203EXT/2EXT/1EXT
performance
and
allows
for
hand
or
machine
(42-V Maximum 3 A, 2 A, 1 A)
soldering.
LMZ14203/2/1 (42-V Maximum 3 A, 2 A, 1 A)
The LMZ14202EXT can accept an input voltage rail
LMZ12003/2/1 (20-V Maximum 3 A, 2 A, 1 A)
between 6 V and 42 V and can deliver an adjustable
Fully Enabled for WEBENCH® Power Designer
and highly accurate output voltage as low as 0.8 V.
The LMZ14202EXT only requires three external
Electrical Specifications
resistors and four external capacitors to complete the
12-W Maximum Total Output Power
power solution. The LMZ14202EXT is a reliable and
Up to 2-A Output Current
robust design with the following protection features:
thermal shutdown, input undervoltage lockout, output
Input Voltage Range 6 V to 42 V
overvoltage protection, short-circuit protection, output
Output Voltage Range 0.8 V to 6 V
current limit, and the device allows start-up into a
Efficiency up to 90%
prebiased output. A single resistor adjusts the
Performance Benefits
switching frequency up to 1 MHz.
Low Radiated Emissions and High Radiated
Device Information(1)(2)
Immunity
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Passes Vibration Standard MIL-STD-883
LMZ14202EXT
TO-PMOD (7)
10.16 mm × 9.85 mm
Method 2007.2 Condition A JESD22–B103B
(1) For all available packages, see the orderable addendum at
Condition 1
the end of the data sheet.
Passes Drop Standard MIL-STD-883 Method
(2) Peak reflow temperature equals 245°C. See SNAA214 for
2002.3 Condition B JESD22–B110 Condition B
more details.
Simplified Application Schematic
Efficiency 12-V Input at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LMZ14202EXT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_13 Datasheet
4Mb / 27P
[Old version datasheet]   LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results

Mô tả tương tự - LMZ14202EXT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com