công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ36002 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LMZ36002
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ36002 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LMZ36002_15 Datasheet HTML 1Page - Texas Instruments LMZ36002_15 Datasheet HTML 2Page - Texas Instruments LMZ36002_15 Datasheet HTML 3Page - Texas Instruments LMZ36002_15 Datasheet HTML 4Page - Texas Instruments LMZ36002_15 Datasheet HTML 5Page - Texas Instruments LMZ36002_15 Datasheet HTML 6Page - Texas Instruments LMZ36002_15 Datasheet HTML 7Page - Texas Instruments LMZ36002_15 Datasheet HTML 8Page - Texas Instruments LMZ36002_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
7.1
Overview ................................................................. 12
1
Features .................................................................. 1
7.2
Functional Block Diagram ....................................... 12
2
Applications ........................................................... 1
7.3
Feature Description................................................. 13
3
Description ............................................................. 1
7.4
Device Functional Modes........................................ 21
4
Revision History..................................................... 2
8
Applications and Implementation ...................... 22
5
Pin Configuration and Functions ......................... 3
8.1
Application Information............................................ 22
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 25
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 26
6.2
ESD Ratings.............................................................. 4
10.1
Layout Guidelines ................................................. 26
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 26
6.4
Thermal Information .................................................. 5
10.3
EMI........................................................................ 27
6.5
Electrical Characteristics........................................... 6
11
Device and Documentation Support ................. 28
6.6
Switching Characteristics .......................................... 7
11.1
Community Resources.......................................... 28
6.7
Typical Characteristics .............................................. 8
11.2
Trademarks ........................................................... 28
6.8
Typical Characteristics .............................................. 9
11.3
Electrostatic Discharge Caution ............................ 28
6.9
Typical Characteristics ............................................ 10
11.4
Glossary ................................................................ 28
6.10
Typical Characteristics (Thermal Derating)........... 11
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 12
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (September) to Revision A
Page
Changed from Product preview to Production Data ............................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMZ36002


Số phần tương tự - LMZ36002_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Mô tả tương tự - LMZ36002_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com