công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ31707 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LMZ31707
Giải thích chi tiết về linh kiện  7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31707 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZ31707_15 Datasheet HTML 7Page - Texas Instruments LMZ31707_15 Datasheet HTML 8Page - Texas Instruments LMZ31707_15 Datasheet HTML 9Page - Texas Instruments LMZ31707_15 Datasheet HTML 10Page - Texas Instruments LMZ31707_15 Datasheet HTML 11Page - Texas Instruments LMZ31707_15 Datasheet HTML 12Page - Texas Instruments LMZ31707_15 Datasheet HTML 13Page - Texas Instruments LMZ31707_15 Datasheet HTML 14Page - Texas Instruments LMZ31707_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
( )
=
W
æ
ö
æ
ö
-
ç
÷
ç
÷
è
ø
è
ø
SET
OUT
1.43
R
k
V
1
0.6
LMZ31707
www.ti.com
SLVSBV7A – JUNE 2013 – REVISED AUGUST 2013
APPLICATION INFORMATION
Adjusting the Output Voltage
The VADJ control sets the output voltage of the LMZ31707. The output voltage adjustment range is from 0.6V to
5.5V. The adjustment method requires the addition of RSET, which sets the output voltage, the connection of
SENSE+ to VOUT, and in some cases RRT which sets the switching frequency. The RSET resistor must be
connected directly between the VADJ (pin 26) and AGND (pin 23). The SENSE+ pin (pin 27) must be connected
to VOUT either at the load for improved regulation or at VOUT of the device. The RRT resistor must be connected
directly between the RT/CLK (pin 22) and AGND (pin 23). Table 3 gives the standard external RSET resistor for a
number of common bus voltages, along with the recommended RRT resistor for that output voltage.
Table 3. Standard RSET Resistor Values for Common Output Voltages
RESISTORS
OUTPUT VOLTAGE VOUT (V)
0.9
1.0
1.2
1.8
2.5
3.3
5.0
RSET (kΩ)
2.87
2.15
1.43
0.715
0.453
0.316
0.196
RRT (kΩ)
1000
1000
487
169
90.9
90.9
63.4
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 4.
(1)
Table 4. Standard RSET Resistor Values
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
0.6
open
OPEN
200
3.1
0.348
90.9
750
0.7
8.66
OPEN
200
3.2
0.332
90.9
750
0.8
4.32
OPEN
200
3.3
0.316
90.9
750
0.9
2.87
1000
250
3.4
0.309
90.9
750
1.0
2.15
1000
250
3.5
0.294
90.9
750
1.1
1.74
1000
250
3.6
0.287
90.9
750
1.2
1.43
487
300
3.7
0.280
90.9
750
1.3
1.24
487
300
3.8
0.267
90.9
750
1.4
1.07
487
300
3.9
0.261
90.9
750
1.5
0.953
487
300
4.0
0.255
90.9
750
1.6
0.866
487
300
4.1
0.243
63.4
1000
1.7
0.787
487
300
4.2
0.237
63.4
1000
1.8
0.715
169
500
4.3
0.232
63.4
1000
1.9
0.665
169
500
4.4
0.226
63.4
1000
2.0
0.619
169
500
4.5
0.221
63.4
1000
2.1
0.576
169
500
4.6
0.215
63.4
1000
2.2
0.536
169
500
4.7
0.210
63.4
1000
2.3
0.511
169
500
4.8
0.205
63.4
1000
2.4
0.475
169
500
4.9
0.200
63.4
1000
2.5
0.453
90.9
750
5.0
0.196
63.4
1000
2.6
0.432
90.9
750
5.1
0.191
63.4
1000
2.7
0.412
90.9
750
5.2
0.187
63.4
1000
2.8
0.392
90.9
750
5.3
0.182
63.4
1000
2.9
0.374
90.9
750
5.4
0.178
63.4
1000
3.0
0.357
90.9
750
5.5
0.174
63.4
1000
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ31707


Số phần tương tự - LMZ31707_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results

Mô tả tương tự - LMZ31707_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com