công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ31506H bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LMZ31506H
Giải thích chi tiết về linh kiện  6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506H bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMZ31506H_15 Datasheet HTML 1Page - Texas Instruments LMZ31506H_15 Datasheet HTML 2Page - Texas Instruments LMZ31506H_15 Datasheet HTML 3Page - Texas Instruments LMZ31506H_15 Datasheet HTML 4Page - Texas Instruments LMZ31506H_15 Datasheet HTML 5Page - Texas Instruments LMZ31506H_15 Datasheet HTML 6Page - Texas Instruments LMZ31506H_15 Datasheet HTML 7Page - Texas Instruments LMZ31506H_15 Datasheet HTML 8Page - Texas Instruments LMZ31506H_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
PWRGD
VIN
PVIN
PGND
PH
VOUT
RT/CLK
AGND
VADJ
INH/UVLO
STSEL
SS/TR
VSENSE+
LMZ31506H
PWRGD
Logic
+
+
VREF
Comp
Power
Stage
and
Control
Logic
Thermal Shutdown
Shutdown
Logic
OCP
VIN
UVLO
OSC w/PLL
LMZ31506H
www.ti.com
SNVS996 – JULY 2013
ELECTRICAL CHARACTERISTICS (continued)
over -40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 6A,
CIN1 = 2x 22 µF ceramic, CIN2 = 68 µF poly-tantalum, COUT1 = 4x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ceramic
44 (4)
CIN
External input capacitance
µF
Non-ceramic
68(4)
Ceramic
47 (5)
200
1500
µF
COUT
External output capacitance
Non-ceramic
220(5)
5000
Equivalent series resistance (ESR)
35
m
(4)
A minimum of 100µF of polymer tantalum and/or ceramic external capacitance is required across the input (VIN and PVIN connected)
for proper operation. Locate the capacitor close to the device. See Table 5 for more details. When operating with split VIN and PVIN
rails, place 4.7µF of ceramic capacitance directly at the VIN pin.
(5)
The amount of required output capacitance varies depending on the output voltage (see Table 3 ). The amount of required capacitance
must include at least 1x 47µF ceramic capacitor. Locate the capacitance close to the device. Adding additional capacitance close to the
load improves the response of the regulator to load transients. See Table 3 and Table 5 more details.
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ31506H


Số phần tương tự - LMZ31506H_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Mô tả tương tự - LMZ31506H_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com