công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ30602 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMZ30602
Giải thích chi tiết về linh kiện  2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ30602 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMZ30602_15 Datasheet HTML 5Page - Texas Instruments LMZ30602_15 Datasheet HTML 6Page - Texas Instruments LMZ30602_15 Datasheet HTML 7Page - Texas Instruments LMZ30602_15 Datasheet HTML 8Page - Texas Instruments LMZ30602_15 Datasheet HTML 9Page - Texas Instruments LMZ30602_15 Datasheet HTML 10Page - Texas Instruments LMZ30602_15 Datasheet HTML 11Page - Texas Instruments LMZ30602_15 Datasheet HTML 12Page - Texas Instruments LMZ30602_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
( )
=
W
æ
ö
æ
ö
-
ç
÷
ç
÷
è
ø
è
ø
SET
OUT
1.43
R
k
V
1
0.803
LMZ30602
www.ti.com
SNVS997 – JULY 2013
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
The VADJ control sets the output voltage of the LMZ30602. The output voltage adjustment range is from 0.8V to
3.6V. The adjustment method requires the addition of RSET, which sets the output voltage, the connection of
SENSE+ to VOUT, and in some cases RRT which sets the switching frequency. The RSET resistor must be
connected directly between the VADJ (pin 35) and AGND (pin 33 & 34). The SENSE+ pin (pin 36) must be
connected to VOUT either at the load for improved regulation or at VOUT of the module. The RRT resistor must
be connected directly between the RT/CLK (pin 4) and AGND (pins 33 & 34).
Table 1 gives the standard external RSET resistor for a number of common bus voltages, along with the
recommended RRT resistor for that output voltage.
Table 1. Standard RSET Resistor Values for Common Output Voltages
RESISTORS
OUTPUT VOLTAGE VOUT (V)
0.8
1.2
1.5
1.8
2.5
3.3
RSET (kΩ)
open
2.87
1.65
1.15
0.673
0.459
RRT (kΩ)
1200
715
348
348
174
174
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2.
(1)
Table 2. Standard RSET Resistor Values
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
0.8
open
1200
650
2.3
0.768
174
1500
0.9
11.8
1200
650
2.4
0.715
174
1500
1.0
5.83
1200
650
2.5
0.673
174
1500
1.1
3.83
1200
650
2.6
0.634
174
1500
1.2
2.87
715
750
2.7
0.604
174
1500
1.3
2.32
715
750
2.8
0.576
174
1500
1.4
1.91
715
750
2.9
0.549
174
1500
1.5
1.65
348
1000
3.0
0.523
174
1500
1.6
1.43
348
1000
3.1
0.499
174
1500
1.7
1.27
348
1000
3.2
0.475
174
1500
1.8
1.15
348
1000
3.3
0.459
174
1500
1.9
1.05
348
1000
3.4
0.442
174
1500
2.0
0.953
174
1500
3.5
0.422
174
1500
2.1
0.845
174
1500
3.6
0.412
174
1500
2.2
0.825
174
1500
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ30602


Số phần tương tự - LMZ30602_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ30602EVM-002 TI-LMZ30602EVM-002 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30602RKGR TI-LMZ30602RKGR Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGR TI1-LMZ30602RKGR Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGT TI-LMZ30602RKGT Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGT TI1-LMZ30602RKGT Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Mô tả tương tự - LMZ30602_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com