công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ23605 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMZ23605
Giải thích chi tiết về linh kiện  LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ23605 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMZ23605_15 Datasheet HTML 5Page - Texas Instruments LMZ23605_15 Datasheet HTML 6Page - Texas Instruments LMZ23605_15 Datasheet HTML 7Page - Texas Instruments LMZ23605_15 Datasheet HTML 8Page - Texas Instruments LMZ23605_15 Datasheet HTML 9Page - Texas Instruments LMZ23605_15 Datasheet HTML 10Page - Texas Instruments LMZ23605_15 Datasheet HTML 11Page - Texas Instruments LMZ23605_15 Datasheet HTML 12Page - Texas Instruments LMZ23605_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0
1
2
3
4
5
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
9 Vin
12 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
36 Vin
30 Vin
24 Vin
20 Vin
12 Vin
9 Vin
0
1
2
3
4
5
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
9 Vin
12 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
36 Vin
30 Vin
24 Vin
20 Vin
12 Vin
9 Vin
0
1
2
3
4
5
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
10 Vin
12 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
36 Vin
30 Vin
24 Vin
20 Vin
12 Vin
10 Vin
LMZ23605
www.ti.com
SNVS659I – MARCH 2011 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 2 x 10 μF + 1-μF X7R Ceramic; CO = 220 μF
Specialty Polymer + 10-µF Ceramic; TA = 25° C for waveforms. Efficiency and dissipation plots marked with * have cycle
skipping at light loads resulting in slightly higher Output ripple.
Figure 19. Efficiency 6-V Output at 85°C Ambient
Figure 20. Dissipation 6-V Output at 85°C Ambient
Figure 21. Efficiency 5-V Output at 85°C Ambient
Figure 22. Dissipation 5-V Output at 85°C Ambient
Figure 23. Efficiency 3.3-V Output at 85°C Ambient
Figure 24. Dissipation 3.3-V Output at 85°C Ambient
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ23605


Số phần tương tự - LMZ23605_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results

Mô tả tương tự - LMZ23605_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ12001 TI-LMZ12001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12001 1-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com