công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14201EXT bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ14201EXT
Giải thích chi tiết về linh kiện  1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201EXT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ14201EXT Datasheet HTML 1Page - Texas Instruments LMZ14201EXT Datasheet HTML 2Page - Texas Instruments LMZ14201EXT Datasheet HTML 3Page - Texas Instruments LMZ14201EXT Datasheet HTML 4Page - Texas Instruments LMZ14201EXT Datasheet HTML 5Page - Texas Instruments LMZ14201EXT Datasheet HTML 6Page - Texas Instruments LMZ14201EXT Datasheet HTML 7Page - Texas Instruments LMZ14201EXT Datasheet HTML 8Page - Texas Instruments LMZ14201EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
VIN
CIN
Enable
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ14201EXT
VOUT @ 1A
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.8
1.2
1.5
0.8
3.3
2.5
5.0
6.0
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ14201EXT
SNVS664H – JUNE 2010 – REVISED OCTOBER 2015
LMZ14201EXT 1-A SIMPLE SWITCHER® Power Module With 42-V Maximum Input Voltage
for Demanding Environments and Rugged Applications
1 Features
2 Applications
1
Junction Temperature Range –55°C to 125°C
Point-of-load Conversions from 12-V and 24-V
Input Rail
Integrated Shielded Inductor
Time Critical Projects
Simple PCB Layout
Space Constrained and High Thermal
Flexible Startup Sequencing Using External Soft-
Requirement Applications
Start and Precision Enable
Negative Output Voltage Applications
Protection Against Inrush Currents and Faults
(See AN-2027 SNVA425)
such as Input UVLO and Output Short Circuit
Single Exposed Pad and Standard Pinout for Easy
3 Description
Mounting and Manufacturing
The LMZ14201EXT SIMPLE SWITCHER® power
Fast Transient Response for Powering FPGAs
module is an easy-to-use step-down DC-DC solution
and ASICs
capable of driving up to 1-A load with exceptional
Low Output Voltage Ripple
power conversion efficiency, line and load regulation,
and output accuracy. The LMZ14201EXT is available
Pin-to-Pin Compatible With Family Devices:
in an innovative package that enhances thermal
LMZ14203EXT/2EXT/1EXT
performance and the device allows for hand or
(42-V Maximum 3 A, 2 A, 1 A)
machine soldering.
LMZ14203/2/1 (42-V Maximum 3 A, 2 A, 1 A)
The LMZ14201EXT can accept an input voltage rail
LMZ12003/2/1 (20-V Maximum 3 A, 2 A, 1 A)
between 6 V and 42 V and can deliver an adjustable
Fully Enabled for WEBENCH® Power Designer
and highly accurate output voltage as low as 0.8 V.
The LMZ14201EXT only requires three external
Electrical Specifications
resistors and four external capacitors to complete the
6-W Maximum Total Output Power
power solution. The LMZ14201EXT is a reliable and
Up to 1-A Output Current
robust design with the following protection features:
thermal shutdown, input undervoltage lockout, output
Input Voltage Range 6 V to 42 V
overvoltage protection, short-circuit protection, output
Output Voltage Range 0.8 V to 6 V
current limit, and allows startup into a prebiased
Efficiency up to 90%
output.
A
single
resistor
adjusts
the
switching
Performance Benefits
frequency up to 1 MHz.
Low Radiated Emissions and High Radiated
Device Information(1)(2)
Immunity
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Passes Vibration Standard MIL-STD-883
LMZ14201EXT
TO-PMOD (7)
10.16 mm × 9.85 mm
Method 2007.2 Condition A JESD22–B103B
(1) For all available packages, see the orderable addendum at
Condition 1
the end of the data sheet.
Passes Drop Standard MIL-STD-883 Method
(2) Peak reflow temperature equals 245°C. See SNAA214 for
2002.3 Condition B JESD22–B110 Condition B
more details.
Simplified Application Schematic
Efficiency 12-V Input at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LMZ14201EXT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
LMZ14201EXTTZE NSC-LMZ14201EXTTZE Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZX NSC-LMZ14201EXTTZX Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results

Mô tả tương tự - LMZ14201EXT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com