công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14201 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LMZ14201
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMZ14201_15 Datasheet HTML 6Page - Texas Instruments LMZ14201_15 Datasheet HTML 7Page - Texas Instruments LMZ14201_15 Datasheet HTML 8Page - Texas Instruments LMZ14201_15 Datasheet HTML 9Page - Texas Instruments LMZ14201_15 Datasheet HTML 10Page - Texas Instruments LMZ14201_15 Datasheet HTML 11Page - Texas Instruments LMZ14201_15 Datasheet HTML 12Page - Texas Instruments LMZ14201_15 Datasheet HTML 13Page - Texas Instruments LMZ14201_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1.9
2.0
2.1
2.2
2.3
2.4
2.5
0
10
20
30
40
50
INPUT VOLTAGE (V)
85°C
SHORT CIRCUIT
ONSET
1.8
1.9
2.0
2.1
2.2
2.3
2.4
0
10
20
30
40
50
INPUT VOLTAGE (V)
25°C
SHORT CIRCUIT
ONSET
1.8
1.9
2.0
2.1
2.2
2.3
2.4
0
5
10
15
20
25
INPUT VOLTAGE (V)
25°C
SHORT CIRCUIT
ONSET
0
0.2
0.4
0.6
0.8
1
1.2
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (C)
36VIN
6VIN
24VIN
12VIN
VOUT = 3.3V
ÆJA = 19°C/W
20 mV/Div
200 2s/Div
0.5 A/Div
LMZ14201
SNVS649I – JANUARY 2010 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10 uF X7R Ceramic; CO = 100 uF X7R Ceramic;
TA = 25 C for efficiency curves and waveforms.
Figure 25. Output Ripple
Figure 26. Transient Response
24VIN 3.3 VO 1 A, BW = 200 MHz
24VIN 3.3 VO 0.5-A to 1-A Step
Figure 27. Thermal Derating VOUT = 3.3 V
Figure 28. Current Limit 1.8 VOUT at 25°C
Figure 29. Current Limit 3.3 VOUT at 25°C
Figure 30. Current Limit 3.3 VOUT at 85°C
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14201


Số phần tương tự - LMZ14201_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI-LMZ14201_13 Datasheet
2Mb / 26P
[Old version datasheet]   LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

Mô tả tương tự - LMZ14201_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com