công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12002EXT bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LMZ12002EXT
Giải thích chi tiết về linh kiện  LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ12002EXT bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMZ12002EXT_15 Datasheet HTML 1Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 2Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 3Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMZ12002EXT
www.ti.com
SNVS662G – JUNE 2010 – REVISED AUGUST 2015
Electrical Characteristics (continued)
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V, VOUT = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
REGULATION AND OVERVOLTAGE COMPARATOR
0.795
VSS >+ 0.8 V
TJ = –55°C to 125°C
V
over the junction temperature
0.775
0.815
IO = 2 A
In-regulation feedback
(TJ) range of –55°C to +125°C
VFB
voltage
VSS >+ 0.8 V
TJ = 25°C
0.784
0.8
0.816
IO = 10 mA
Feedback overvoltage
VFB-OV
0.92
V
protection threshold
Feedback input bias
IFB
5
nA
current
Non-switching input
IQ
VFB= 0.86 V
1
mA
current
Shutdown quiescent
ISD
VEN= 0 V
25
μA
current
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Rising
165
°C
Thermal shutdown
TSD-HYST
Falling
15
°C
hysteresis
PERFORMANCE PARAMETERS(3)
ΔVO
Output voltage ripple
8
mVPP
ΔVO/ΔVIN
Line regulation
VIN = 8 V to 20 V, IO= 2 A
0.01%
ΔVO/ΔVIN
Load regulation
VIN = 12 V
1.5
mV/A
VIN = 12 V, VO = 1.8 V, IO = 1 A
87%
η
Efficiency
VIN = 12 V, VO = 1.8 V, IO = 2 A
77%
(3)
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007. See AN-2024 and layout for information on device under test.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ12002EXT


Số phần tương tự - LMZ12002EXT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results

Mô tả tương tự - LMZ12002EXT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com