công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12002EXT bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LMZ12002EXT
Giải thích chi tiết về linh kiện  LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ12002EXT bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMZ12002EXT_15 Datasheet HTML 1Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 2Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 3Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LMZ12002EXT
www.ti.com
SNVS662G – JUNE 2010 – REVISED AUGUST 2015
5 Pin Configuration and Functions
NDW Package
7-Pin
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Enable — Input to the precision enable comparator. Rising threshold is 1.18-V nominal; 90-
EN
3
Analog
mV hysteresis nominal. Maximum recommended input level is 6.5 V.
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package
EP
Ground
during operation. Must be electrically connected to pin 4 external to the package.
Feedback — Internally connected to the regulation, over-voltage, and short-circuit
FB
6
Analog
comparators. The regulation reference point is 0.8 V at this input pin. Connected the
feedback resistor divider between the output and ground to set the output voltage.
GND
4
Ground
Ground — Reference point for all stated voltages. Must be externally connected to EP.
ON-Time Resistor — An external resistor from VIN to this pin sets the ON-time of the
RON
2
Analog
application. Typical values range from 25 k
Ω to 124 kΩ.
Soft-Start — An internal 8-µA current source charges an external capacitor to produce the
SS
5
Analog
soft-start function. This node is discharged at 200-µA during disable, overcurrent, thermal
shutdown and internal UVLO conditions.
Supply input — Nominal operating range is 4.5 V to 20 V . A small amount of internal
VIN
1
Power
capacitance is contained within the package assembly. Additional external input capacitance
is required between this pin and exposed pad.
Output Voltage — Output from the internal inductor. Connect the output capacitor between
VOUT
7
Power
this pin and exposed pad.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
25
V
EN, FB, SS to GND
–0.3
7
V
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Peak Reflow Case Temperature (30 sec)
245
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. Test method is per JESD-22-114.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ12002EXT


Số phần tương tự - LMZ12002EXT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results

Mô tả tương tự - LMZ12002EXT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com