công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12001 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMZ12001
Giải thích chi tiết về linh kiện  LMZ12001 1-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ12001 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMZ12001_15 Datasheet HTML 3Page - Texas Instruments LMZ12001_15 Datasheet HTML 4Page - Texas Instruments LMZ12001_15 Datasheet HTML 5Page - Texas Instruments LMZ12001_15 Datasheet HTML 6Page - Texas Instruments LMZ12001_15 Datasheet HTML 7Page - Texas Instruments LMZ12001_15 Datasheet HTML 8Page - Texas Instruments LMZ12001_15 Datasheet HTML 9Page - Texas Instruments LMZ12001_15 Datasheet HTML 10Page - Texas Instruments LMZ12001_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.8
2.5
3.3
5.0
6.0
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.8
3.3
2.5
5.0
6.0
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.8
1.2
1.5
0.8
3.3
2.5
5.0
6.0
0
0.075
0.15
0.225
0.3
0.375
0.45
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.5
1.8
2.5
3.3
1.2
0.8
5.0
6.0
0
0.05
0.1
0.15
0.2
0.25
0.3
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
0.35
2.5
3.3
1.8
1.5
5.0
1.2
0.8
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.8
1.2
1.5
0.8
3.3
2.5
5.0
LMZ12001
www.ti.com
SNVS651H – JANUARY 2010 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 10-µF X7R Ceramic; CO = 100-µF X7R Ceramic;
TA = 25 C for efficiency curves and waveforms.
Figure 7. Efficiency 8-V Input at 25°C
Figure 8. Dissipation 8-V Input at 25°C
Figure 9. Efficiency 12-V Input at 25°C
Figure 10. Dissipation 12-V Input at 25°C
Figure 11. Efficiency 20-V Input at 25°C
Figure 12. Dissipation 20-V Input at 25°C
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ12001


Số phần tương tự - LMZ12001_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ12001EXTTZ NSC-LMZ12001EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ12001EXTTZ TI1-LMZ12001EXTTZ Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12001EXTTZ TI1-LMZ12001EXTTZ Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ12001EXTTZ/NOPB TI1-LMZ12001EXTTZ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
More results

Mô tả tương tự - LMZ12001_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com