công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ10505 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ10505
Giải thích chi tiết về linh kiện  5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ10505 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMZ10505 Datasheet HTML 2Page - Texas Instruments LMZ10505 Datasheet HTML 3Page - Texas Instruments LMZ10505 Datasheet HTML 4Page - Texas Instruments LMZ10505 Datasheet HTML 5Page - Texas Instruments LMZ10505 Datasheet HTML 6Page - Texas Instruments LMZ10505 Datasheet HTML 7Page - Texas Instruments LMZ10505 Datasheet HTML 8Page - Texas Instruments LMZ10505 Datasheet HTML 9Page - Texas Instruments LMZ10505 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LMZ10505
SNVS633I – JANUARY 2010 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Specifications are for TJ = 25°C unless otherwise specified. Minimum and maximum limits are ensured through test, design,
or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. VIN = VEN = 3.3 V, unless otherwise indicated in the conditions column.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
THERMAL CONTROL
TJ for Thermal
TSD
145
°C
Shutdown
Hysteresis for Thermal
TSD-HYS
10
°C
Shutdown
PERFORMANCE PARAMETERS
Refer to Table 1
mVpk-pk
ΔVOUT
Output Voltage Ripple
VOUT = 2.5 V
10
Bandwidth Limit = 2 MHz
ΔVOUT
Output Voltage Ripple
Refer to Table 5 Bandwidth Limit = 20 MHz
5
mVpk-pk
Feedback Voltage Line
ΔVIN = 2.95 V to 5.5 V
ΔVFB / VFB
0.04%
Regulation
IOUT = 0 A
ΔVOUT /
Output Voltage Line
ΔVIN = 2.95 V to 5.5 V
0.04%
VOUT
Regulation
IOUT = 0 A, VOUT = 2.5 V
Feedback Voltage
ΔVFB / VFB
IOUT = 0 A to 5 A
0.25%
Load Regulation
ΔVOUT /
Output Voltage Load
IOUT = 0 A to 5 A
0.25%
VOUT
Regulation
VOUT = 2.5 V
EFFICIENCY
VOUT = 3.3 V
96.1%
VOUT = 2.5 V
94.8%
VOUT = 1.8 V
93.1%
Peak Efficiency (1A)
η
VIN = 5 V
VOUT = 1.5 V
92%
VOUT = 1.2 V
90.4%
VOUT = 0.8 V
86.8%
VOUT = 2.5 V
95.75
VOUT = 1.8 V
94.1%
Peak Efficiency (1A)
η
VOUT = 1.5 V
93.0%
VIN = 3.3 V
VOUT = 1.2 V
91.6%
VOUT = 0.8 V
88.3%
VOUT = 3.3 V
93.1%
VOUT = 2.5 V
91.2%
VOUT = 1.8 V
88.5%
Full Load Efficiency
η
(3A) VIN = 5 V
VOUT = 1.5 V
86.7%
VOUT = 1.2 V
84.1%
VOUT = 0.8 V
78.2%
VOUT = 2.5 V
89.8%
VOUT = 1.8 V
86.9%
Full Load Efficiency
η
VOUT = 1.5 V
85.1%
(3A) VIN = 3.3 V
VOUT = 1.2 V
82.5%
VOUT = 0.8 V
76.2%
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ10505


Số phần tương tự - LMZ10505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505 TI1-LMZ10505 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
More results

Mô tả tương tự - LMZ10505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com