công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ10505 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ10505
Giải thích chi tiết về linh kiện  5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ10505 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMZ10505 Datasheet HTML 1Page - Texas Instruments LMZ10505 Datasheet HTML 2Page - Texas Instruments LMZ10505 Datasheet HTML 3Page - Texas Instruments LMZ10505 Datasheet HTML 4Page - Texas Instruments LMZ10505 Datasheet HTML 5Page - Texas Instruments LMZ10505 Datasheet HTML 6Page - Texas Instruments LMZ10505 Datasheet HTML 7Page - Texas Instruments LMZ10505 Datasheet HTML 8Page - Texas Instruments LMZ10505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LMZ10505
www.ti.com
SNVS633I – JANUARY 2010 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Specifications are for TJ = 25°C unless otherwise specified. Minimum and maximum limits are ensured through test, design,
or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. VIN = VEN = 3.3 V, unless otherwise indicated in the conditions column.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
0.8
Total Feedback
VIN = 2.95 V to 5.5 V
Voltage Variation
over the operating junction
V FB
VOUT = 2.5 V
V
Including Line and
temperature range TJ of
0.78
0.82
IOUT = 0 A to 5 A
Load Regulation
–55°C to 125°C
0.8
VIN = 3.3 V, VOUT = 2.5
Feedback Voltage
over the operating junction
V FB
V
V
Variation
temperature range TJ of
0.787
0.812
IOUT = 0 A
–55°C to 125°C
0.798
VIN = 3.3 V, VOUT = 2.5
Feedback Voltage
over the operating junction
V FB
V
V
Variation
temperature range TJ of
0.785
0.81
IOUT = 5 A
–55°C to 125°C
2.6
over the operating junction
Rising
temperature range TJ of
2.95
–55°C to 125°C
Input UVLO Threshold
VIN(UVLO)
V
(Measured at VIN pin)
2.4
over the operating junction
Falling
temperature range TJ of
1.95
–55°C to 125°C
ISS
Soft-Start Current
Charging Current
2
µA
1.55
Non-Switching Input
over the operating junction
IQ
VFB = 1 V
mA
Current
temperature range TJ of
3
–55°C to 125°C
267
Shutdown Quiescent
over the operating junction
ISD
VIN = 5.5 V, VEN = 0 V
µA
Current
temperature range TJ of
500
–55°C to 125°C
7.3
Output Current Limit
over the operating junction
IOCL
VOUT = 2.5 V
A
(Average Current)
temperature range TJ of
5.1
8.7
–55°C to 125°C
fFB
Frequency Fold-back
In current limit
250
kHz
PWM SECTION
1000
fSW
Switching Frequency
kHz
over the operating junction temperature range TJ of
750
1160
–55°C to 125°C
PWM Duty Cycle
over the operating junction temperature range TJ of
Drange
0%
100%
Range
–55°C to 125°C
ENABLE CONTROL
1.23
EN Pin Rising
VEN-IH
V
over the operating junction temperature range TJ of
Threshold
1.8
–55°C to 125°C
1.06
EN Pin Falling
VEN-IF
V
over the operating junction temperature range TJ of
Threshold
0.8
–55°C to 125°C
(1)
Minimum and maximum limits are 100% production tested at an ambient temperature (TA) of 25°C. Limits over the operating
temperature range are ensured through correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate
Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ10505


Số phần tương tự - LMZ10505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505 TI1-LMZ10505 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
More results

Mô tả tương tự - LMZ10505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com