công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2035 bảng dữ liệu(PDF) 5 Page - Micro Linear Corporation

tên linh kiện ML2035
Giải thích chi tiết về linh kiện  Serial Input Programmable Sine Wave Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRO-LINEAR [Micro Linear Corporation]
Trang chủ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2035 bảng dữ liệu(HTML) 5 Page - Micro Linear Corporation

  ML2035 Datasheet HTML 1Page - Micro Linear Corporation ML2035 Datasheet HTML 2Page - Micro Linear Corporation ML2035 Datasheet HTML 3Page - Micro Linear Corporation ML2035 Datasheet HTML 4Page - Micro Linear Corporation ML2035 Datasheet HTML 5Page - Micro Linear Corporation ML2035 Datasheet HTML 6Page - Micro Linear Corporation ML2035 Datasheet HTML 7Page - Micro Linear Corporation ML2035 Datasheet HTML 8Page - Micro Linear Corporation ML2035 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ML2035
5
FUNCTIONAL DESCRIPTION
The ML2035 is composed of a programmable frequency
generator, a sine wave generator, a crystal oscillator, and a
serial digital interface. The ML2035 frequency and sine
wave generator functional block diagram is shown in
Figure 3.
PROGRAMMABLE FREQUENCY GENERATOR
The programmable frequency generator produces a digital
output whose frequency is determined by a 16-bit digital
word.
The frequency generator is composed of a phase
accumulator which is clocked at fCLK IN/4. The value
stored in the data latch is added to the phase accumulator
every 4 cycles of CLK IN. The frequency of the analog
output is equal to the rate at which the accumulator
overflows and is given by the equation:
f
f
D15 - D0)
2
OUT
CLKIN
DEC
23
=
× (
(1)
The frequency resolution and the minimum frequency are
the same and is given by the following equation:
∆f
f
2
MIN
CLKIN
23
=
(2)
When fCLK IN = 12.352MHz, DfMIN = 1.5Hz (±0.75Hz).
Lower frequencies are obtained by using a lower input
clock frequency.
Due to the phase quantization nature of the frequency
generator, spurious tones can be present in the output
range of –55dB relative to fundamental. The energy from
these tones is included in the signal to noise + distortion
specification. The frequency of these tones can be very
close to the fundamental. Therefore, it is not practical to
filter them out.
SINEWAVE GENERATOR
The sinewave generator is composed of a sine look-up
table, a DAC, and an output smoothing filter. The sine
look-up table is addressed by the phase accumulator. The
DAC is driven by the output of the look-up table and
generates a staircase representation of a sine wave.
The output filter smoothes the analog output by removing
the high frequency sampling components. The resultant
voltage on VOUT is a sinusoid with the second and third
harmonic distortion components at least 45dB below the
fundamental.
The ML2035 provides a peak sinewave voltage of ±VCC/2,
referenced to GND.
The analog section is designed to operate over a range
from DC to 25kHz. Due to slew rate limitations, the peak-
to-peak output voltage must be limited to VOUT(P-P) £
(125kV x Hz)/fOUT. Since the ML2035 peak-to-peak output
voltage is equal to VCC, the maximum output frequency
must be limited to 25kHz for VCC = 5V. VOUT can drive a
1k
W, 100pF loads, provided the slew rate limitations
mentioned above are not exceeded.
The output offset voltage, VOS, is a function of the peak-to-
peak output voltage and is specified as:
(3)
For example, if VOUT(P-P) = 2.5V:
CRYSTAL OSCILLATOR
The crystal oscillator generates an accurate reference
clock for the programmable frequency generator. The
internal clock can be generated with a crystal or external
clock.
If a crystal is used, it must be placed between CLK IN and
GND of the ML2035. An on-chip crystal oscillator will
then generate the internal clock. No other external
capacitors or components are required. The crystal should
be a parallel-resonant type with a frequency between
3MHz to 12.4MHz. It should be placed physically as close
as possible to the CLK IN and GND.
An external clock can drive CLK IN directly if desired. The
frequency of this clock can be anywhere between 0 and
12MHz.
The crystal must have the following characteristics:
1. Parallel resonant type
2. Frequency: 3MHz to 12.4MHz
3. Maximum equivalent series resistance of 15
W at a drive
levels of 1µW to 200µW, and 30
W at drive levels of
10nW to 1µW
4. Typical load capacitance: 18pF
5. Maximum case capacitance: 7pF
The frequency of oscillation will be a function of the
crystal parameters and PC board capacitance. Crystals that
meet these requirements at 12.352000MHz are M-tron
3709-010 12.352 for 0ºC to 70ºC and 3709-020 12.352
for -40ºC to 85ºC operation.


Số phần tương tự - ML2035

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2035CP FAIRCHILD-ML2035CP Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2035IP FAIRCHILD-ML2035IP Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
More results

Mô tả tương tự - ML2035

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B44 AD-3B44_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B42 AD-3B42_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B43 AD-3B43_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9