công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SIZ998DT bảng dữ liệu(PDF) 3 Page - Vishay Telefunken

tên linh kiện SIZ998DT
Giải thích chi tiết về linh kiện  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TFUNK [Vishay Telefunken]
Trang chủ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ998DT bảng dữ liệu(HTML) 3 Page - Vishay Telefunken

  SIZ998DT Datasheet HTML 1Page - Vishay Telefunken SIZ998DT Datasheet HTML 2Page - Vishay Telefunken SIZ998DT Datasheet HTML 3Page - Vishay Telefunken SIZ998DT Datasheet HTML 4Page - Vishay Telefunken SIZ998DT Datasheet HTML 5Page - Vishay Telefunken SIZ998DT Datasheet HTML 6Page - Vishay Telefunken SIZ998DT Datasheet HTML 7Page - Vishay Telefunken SIZ998DT Datasheet HTML 8Page - Vishay Telefunken SIZ998DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SiZ998DT
www.vishay.com
Vishay Siliconix
S15-0144-Rev. A, 02-Feb-15
3
Document Number: 62979
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Dynamic a
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 1.5
Ω
ID
≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
Channel-2
VDD = 15 V, RL = 1.5
ID
≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
Ch-1
-
15
30
ns
Ch-2
-
25
50
Rise Time
tr
Ch-1
-
65
130
Ch-2
-
65
130
Turn-Off Delay Time
td(off)
Ch-1
-
10
20
Ch-2
-
17
34
Fall Time
tf
Ch-1
-
10
20
Ch-2
-
10
20
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 1.5
Ω
ID
≅ 10 A, VGEN = 10 V, Rg = 1 Ω
Channel-2
VDD = 15 V, RL = 1.5
Ω
ID
≅ 10 A, VGEN = 10 V, Rg = 1 Ω
Ch-1
-
10
20
Ch-2
-
15
30
Rise Time
tr
Ch-1
-
25
50
Ch-2
-
20
40
Turn-Off Delay Time
td(off)
Ch-1
-
15
30
Ch-2
-
22
44
Fall Time
tf
Ch-1
-
10
20
Ch-2
-
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
-
-
20
A
Ch-2
-
-
60
Pulse Diode Forward Current (t = 100 μs)
ISM
Ch-1
-
-
90
Ch-2
-
-
130
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
Ch-1
-
0.8
1.2
V
IS = 2 A, VGS = 0 V
Ch-2
-
0.41
0.53
Body Diode Reverse Recovery Time
trr
Channel-1
IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C
Channel-2
IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C
Ch-1
-
30
60
ns
Ch-2
-
47
94
Body Diode Reverse Recovery Charge
Qrr
Ch-1
-
11
22
nC
Ch-2
-
55
110
Reverse Recovery Fall Time
ta
Ch-1
-
18
-
ns
Ch-2
-
27
-
Reverse Recovery Rise Time
tb
Ch-1
-
12
-
Ch-2
-
20
-
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT


Số phần tương tự - SIZ998DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ998DT-T1-GE3 VISHAY-SIZ998DT-T1-GE3 Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results

Mô tả tương tự - SIZ998DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com