công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1791 bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG

tên linh kiện TC1791
Giải thích chi tiết về linh kiện  32-Bit Single-Chip Microcontroller
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1791 bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG

Back Button TC1791 Datasheet HTML 4Page - Infineon Technologies AG TC1791 Datasheet HTML 5Page - Infineon Technologies AG TC1791 Datasheet HTML 6Page - Infineon Technologies AG TC1791 Datasheet HTML 7Page - Infineon Technologies AG TC1791 Datasheet HTML 8Page - Infineon Technologies AG TC1791 Datasheet HTML 9Page - Infineon Technologies AG TC1791 Datasheet HTML 10Page - Infineon Technologies AG TC1791 Datasheet HTML 11Page - Infineon Technologies AG TC1791 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 153 page
background image
TC1791
Summary of Features
Data Sheet
1
V 1.1, 2014-05
1
Summary of Features
The
SAK-TC1791F-512F240EL / SAK-TC1791F-512F240EP
has
the
following
features:
High-performance 32-bit super-scalar TriCore V1.6 CPU with 6-stage pipeline
– Superior real-time performance
– Strong bit handling
– Fully integrated DSP capabilities
– Multiply-accumulate unit able to sustain 2 MAC operations per cycle
– Fully pipelined Floating point unit (FPU)
– 240 MHz operation at full temperature range
32-bit Peripheral Control Processor with single cycle instruction (PCP2)
– 16 Kbyte Parameter Memory (PRAM)
– 32 Kbyte Code Memory (CMEM)
– 200 MHz operation at full temperature range
Multiple on-chip memories
– 4 Mbyte Program Flash Memory (PFLASH) with ECC
– 192 Kbyte Data Flash Memory (DFLASH) usable for EEPROM emulation
– 2 x 8 Kbyte Key Flash
– 128 Kbyte Data Scratch-Pad RAM (DSPR)
– 16 Kbyte Instruction Cache (ICACHE)
– 32 Kbyte Instruction Scratch-Pad RAM (PSPR)
– 16 Kbyte Data Cache (DACHE)
– 128 Kbyte Memory (SRAM)
– 16 Kbyte BootROM (BROM)
16-Channel DMA Controller
8-Channel Safe DMA (SDMA) Controller
Sophisticated interrupt system with 2
× 255 hardware priority arbitration levels
serviced by CPU or PCP2
High performing on-chip bus structure
– 64-bit Cross Bar Interconnect between CPU, Flash and Data Memory
– 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units
– One bus bridge (SFI Bridge)
Versatile On-chip Peripheral Units
– Two Asynchronous/Synchronous Serial Channels (ASC) with baud rate generator,
parity, framing and overrun error detection
– Four High-Speed Synchronous Serial Channels (SSC) with programmable data
length and shift direction
– Four SSC Guardian (SSCG) modules, one for each SSC
– Two serial Micro Second Bus interfaces (MSC) for serial port expansion to external
power devices
– Two High-Speed Micro Link interfaces (MLI) for serial inter-processor
communication


Số phần tương tự - TC1791

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TC1793 INFINEON-TC1793 Datasheet
4Mb / 189P
   32-Bit Single-Chip Microcontroller
V 1.2 2014-05
TC1796 INFINEON-TC1796 Datasheet
3Mb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1797 INFINEON-TC1797 Datasheet
5Mb / 190P
   32-Bit Single-Chip Microcontroller
V1.1 2009-04
TC1797 INFINEON-TC1797 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
TC1797 INFINEON-TC1797_14 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
More results

Mô tả tương tự - TC1791

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com