công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCX68 bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG

tên linh kiện BCX68
Giải thích chi tiết về linh kiện  For general AF applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX68 bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG

  BCX68_11 Datasheet HTML 1Page - Infineon Technologies AG BCX68_11 Datasheet HTML 2Page - Infineon Technologies AG BCX68_11 Datasheet HTML 3Page - Infineon Technologies AG BCX68_11 Datasheet HTML 4Page - Infineon Technologies AG BCX68_11 Datasheet HTML 5Page - Infineon Technologies AG BCX68_11 Datasheet HTML 6Page - Infineon Technologies AG BCX68_11 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011-10-06
1
BCX68...
1
2
2
3
NPN Silicon AF Transistors
• For general AF applications
• High collector current
• High current gain
• Low collector-emitter saturation voltage
• Complementary type: BCX69 (PNP)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BCX68-10
BCX68-16
BCX68-25
CB
CC
CD
1=B
1=B
1=B
2=C
2=C
2=C
3=E
3=E
3=E
SOT89
SOT89
SOT89
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
20
V
Collector-base voltage
VCBO
25
Emitter-base voltage
VEBO
5
Collector current
IC
1
A
Peak collector current, tp ≤ 10 ms
ICM
2
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation-
TS ≤ 114 °C
Ptot
3
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 12
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Số phần tương tự - BCX68_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BCX68-10 SIEMENS-BCX68-10 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX68-10 INFINEON-BCX68-10 Datasheet
45Kb / 4P
   NPN Silicon AF Transistors
Jun-29-2001
logo
Zetex Semiconductors
BCX68-16 ZETEX-BCX68-16 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX68-16 SIEMENS-BCX68-16 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX68-16 INFINEON-BCX68-16 Datasheet
45Kb / 4P
   NPN Silicon AF Transistors
Jun-29-2001
More results

Mô tả tương tự - BCX68_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MAKO SEMICONDUCTOR CO.,...
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
   For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
   For general AF applications
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
   For general AF applications
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
logo
Sanyo Semicon Device
2SA1252 SANYO-2SA1252 Datasheet
106Kb / 4P
   For AF Applications
logo
Siemens Semiconductor G...
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com