công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM46002QPWPRQ1 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM46002QPWPRQ1
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM46002QPWPRQ1 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM46002QPWPRQ1 Datasheet HTML 1Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 2Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
LM46002-Q1
SNVSAA2A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 14
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 14
2
Applications ........................................................... 1
8.3
Feature Description................................................. 15
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 23
4
Simplified Schematic............................................. 1
9
Applications and Implementation ...................... 24
5
Revision History..................................................... 2
9.1
Application Information............................................ 24
6
Pin Configuration and Functions ......................... 3
9.2
Typical Applications ................................................ 24
7
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 41
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 41
7.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 41
7.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 44
7.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 45
7.5
Electrical Characteristics........................................... 5
12.1
Trademarks ........................................................... 45
7.6
Timing Requirements ................................................ 6
12.2
Electrostatic Discharge Caution ............................ 45
7.7
Switching Characteristics .......................................... 7
12.3
Glossary ................................................................ 45
7.8
Typical Characteristics .............................................. 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 14
Information ........................................................... 45
5 Revision History
Changes from Original (July 2015) to Revision A
Page
Changed from Preview to Production Data ............................................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM46002-Q1


Số phần tương tự - LM46002QPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46002QPWPRQ1 TI1-LM46002QPWPRQ1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM46002QPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com