công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM46002QPWPRQ1 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
LM46002QPWPRQ1 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 52 page SW VIN PGND CBOOT VCC BIAS SYNC RT PGOOD EN SS/TRK AGND FB SW PGND VIN PAD 1 16 2 3 4 5 6 8 7 9 15 14 13 12 11 10 LM46002-Q1 www.ti.com SNVSAA2A – JULY 2015 – REVISED AUGUST 2015 6 Pin Configuration and Functions 16-Pin HTSSOP (PWP) Top View Pin Functions PIN DESCRIPTION NAME NUMBER I/O (1) Switching output of the regulator. Internally connected to both power MOSFETs. Connect to SW 1,2 P power inductor. Boot-strap capacitor connection for high-side driver. Connect a high quality 470 nF capacitor from CBOOT 3 P CBOOT to SW. Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND. Do VCC 4 P not connect external load to this pin. Never short this pin to ground during operation. Optional internal LDO supply input. To improve efficiency, it is recommended to tie to VOUT when BIAS 5 P 3.3 V ≤ VOUT ≤ 28 V, or tie to an external 3.3 V or 5 V rail if available. When used, place a bypass capacitor (1 to 10 µF) from this pin to ground. Tie to ground when not in use. Clock input to synchronize switching action to an external clock. Use proper high speed SYNC 6 A termination to prevent ringing. Connect to ground if not used. Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating for RT 7 A 500 kHz default switching frequency. Open drain output for power-good flag. Use a 10 k Ω to 100 kΩ pull-up resistor to logic rail or PGOOD 8 A other DC voltage no higher than 12 V. Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not short FB 9 A this pin to ground during operation. Analog ground pin. Ground reference for internal references and logic. Connect to system AGND 10 G ground. Soft-start control pin. Leave floating for internal soft-start slew rate. Connect to a capacitor to SS/TRK 11 A extend soft start time. Connect to external voltage ramp for tracking. Enable input to the LM46002-Q1: High = ON and Low = OFF. Connect to VIN, or to VIN through EN 12 A resistor divider, or to an external voltage or logic source. Do not float. Supply input pins to internal LDO and high side power FET. Connect to power supply and bypass VIN 13,14 P capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be as short as possible. Power ground pins, connected internally to the low side power FET. Connect to system ground, PGND 15,16 G PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible. Low impedance connection to AGND. Connect to PGND on PCB. Major heat dissipation path of PAD - G the die. Must be used for heat sinking to ground plane on PCB. (1) P = Power, G = Ground, A = Analog Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM46002-Q1 |
Số phần tương tự - LM46002QPWPRQ1 |
|
Mô tả tương tự - LM46002QPWPRQ1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |