công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM46002PWPT bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
LM46002PWPT bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 52 page LM46002 www.ti.com SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014 7.7 Switching Characteristics Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated. Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following conditions apply: VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SW (SW PIN) Minimum high side MOSFET ON tON-MIN (1) 125 165 ns time Minimum high side MOSFET OFF tOFF-MIN (1) 200 250 ns time OSCILLATOR (SW PINS AND SYNC PIN) FOSC- Oscillator default frequency RT pin open circuit 410 500 590 kHz DEFAULT Minimum adjustable frequency 200 kHz FADJ Maximum adjustable frequency With 1% resistors at RT pin 2200 kHz Frequency adjust accuracy 10% VSYNC-HIGH Sync clock high level threshold 2 V VSYNC-LOW Sync clock low level threshold 0.4 V DSYNC-MAX Sync clock maximum duty cycle 90% DSYNC-MIN Sync clock minimum duty cycle 10% Mininum sync clock ON and OFF TSYNC-MIN 80 ns time (1) Ensured by design. Not production tested. Copyright © 2014, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM46002 |
Số phần tương tự - LM46002PWPT |
|
Mô tả tương tự - LM46002PWPT |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |