công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM46002PWP bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM46002PWP
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM46002PWP Datasheet HTML 7Page - Texas Instruments LM46002PWP Datasheet HTML 8Page - Texas Instruments LM46002PWP Datasheet HTML 9Page - Texas Instruments LM46002PWP Datasheet HTML 10Page - Texas Instruments LM46002PWP Datasheet HTML 11Page - Texas Instruments LM46002PWP Datasheet HTML 12Page - Texas Instruments LM46002PWP Datasheet HTML 13Page - Texas Instruments LM46002PWP Datasheet HTML 14Page - Texas Instruments LM46002PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Frequency (MHz)
Peak Emissions
Quasi Peak Limit
Average Limit
C001
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Frequency (MHz)
Peak Emissions
Quasi Peak Limit
Average Limit
C001
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
1.E+04
1.E+05
1.E+06
3.5
3.7
3.9
4.1
4.3
4.5
VIN (V)
Load=0.01A
Load=0.1A
Load=0.5A
Load=1A
Load=1.5A
Load=2A
C009
1.0E+04
1.0E+05
1.0E+06
5.0
5.5
6.0
6.5
7.0
VIN (V)
Load=0.1A
Load=0.5A
Load=1A
Load=1.5A
Load=2A
C005
LM46002
www.ti.com
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 10 µH, COUT = 150 µF, CFF = 47 pF. Please refer to
Application Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 5 V
FS = 1 MHz
VOUT = 3.3 V
FS = 500 kHz
Figure 20. Switching Frequency vs VIN in Drop-Out
Figure 19. Switching Frequency vs VIN in Drop-Out
Operation
Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 2 A
VOUT = 5 V
FS = 1 MHz
IOUT = 2 A
Measured on the LM46002PWPEVM with default BOM. No input
Measured on the LM46002PWPEVM with L = 6.8 µH, COUT = 47
filter used.
µF, CFF = 47 pF. No input filter used.
Figure 21. Radiated EMI Curve
Figure 22. Radiated EMI Curve
VOUT = 3.3 V
FS = 500 kHz
IOUT = 2 A
VOUT = 5 V
FS = 1 MHz
IOUT = 2 A
Measured on the LM46002PWPEVM with default BOM. Input filter:
Measured on the LM46002PWPEVM with L = 6.8 µH, COUT = 47
Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
µF, CFF = 47 pF. Input filter Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
Figure 23. Conducted EMI Curve
Figure 24. Conducted EMI Curve
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM46002


Số phần tương tự - LM46002PWP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEXAS ADVANCED OPTOELEC...
LM46002PWPEVM TAOS-LM46002PWPEVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
More results

Mô tả tương tự - LM46002PWP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com