công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM46002 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM46002
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM46002 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM46002 Datasheet HTML 1Page - Texas Instruments LM46002 Datasheet HTML 2Page - Texas Instruments LM46002 Datasheet HTML 3Page - Texas Instruments LM46002 Datasheet HTML 4Page - Texas Instruments LM46002 Datasheet HTML 5Page - Texas Instruments LM46002 Datasheet HTML 6Page - Texas Instruments LM46002 Datasheet HTML 7Page - Texas Instruments LM46002 Datasheet HTML 8Page - Texas Instruments LM46002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM46002
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
LM46002 SIMPLE SWITCHER® 3.5 V to 60 V 2 A Synchronous Step-Down Voltage
Converter
1 Features
3 Description
The LM46002 SIMPLE SWITCHER® regulator is an
1
27 µA Quiescent Current in Regulation
easy
to
use
synchronous
step-down
DC-DC
High Efficiency at Light Load (DCM and PFM)
converter capable of driving up to 2 A of load current
Meets EN55022/CISPR 22 EMI standards
from an input voltage ranging from 3.5 V to 60 V. The
LM46002
provides
exceptional
efficiency,
output
Integrated Synchronous Rectification
accuracy and drop-out voltage in a very small
Adjustable Frequency Range: 200 kHz to 2.2 MHz
solution size. An extended family is available in
(500 kHz default)
various load current options and 36 V maximum input
Frequency Synchronization to External Clock
voltage in pin-to-pin compatible packages, including
LM46001, LM46000, LM43603, LM43602, LM43601
Internal Compensation
and
LM43600.
Peak
current
mode
control
is
Stable with Almost Any Combination of Ceramic,
employed
to
achieve
simple
control
loop
Polymer, Tantalum, and Aluminum Capacitors
compensation and cycle-by-cycle current limiting.
Power-Good Flag
Optional features such as programmable switching
frequency,
synchronization,
power-good
flag,
Soft-Start into Pre-Biased Load
precision enable, internal soft-start, extendable soft-
Internal Soft-Start: 4.1 ms
start, and tracking provide a flexible and easy to use
Extendable Soft-Start Time by External Capacitor
platform
for
a
wide
range
of
applications.
Output Voltage Tracking Capability
Discontinuous conduction and automatic frequency
reduction at light loads improve light load efficiency.
Precision Enable to Program System UVLO
The family requires few external components. Pin
Output Short Circuit Protection with Hiccup Mode
arrangement allows simple, optimum PCB layout.
Over Temperature Thermal Shutdown Protection
Protection features include thermal shutdown, VCC
under-voltage lockout, cycle-by-cycle current limit,
2 Applications
and output short circuit protection. The LM46002
device is available in the HTSSOP / PWP 16 leaded
Industrial Power Supplies
package (5.1 mm x 6.6 mm x 1.2 mm) with 0.65 mm
Telecommunications Systems
lead pitch.
Sub-AM Band Automotive
Device Information
Commercial Vehicle Power Supplies
ORDER NUMBER
PACKAGE
BODY SIZE
General Purpose Wide VIN Regulation
LM46002PWP
HTSSOP (16)
5.1 mm x 6.6 mm
High Efficiency Point-Of-Load Regulation
4 Simplified Schematic
Radiated Emission Graph
VIN = 24 V, VOUT = 3.3 V, FS= 500 kHz, IOUT = 2 A
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM46002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46002 TI1-LM46002 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002A-Q1 TI1-LM46002A-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM46002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com