công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM43602-Q1 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM43602-Q1
Giải thích chi tiết về linh kiện  LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM43602-Q1 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM43602-Q1_15 Datasheet HTML 1Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 2Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 3Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 4Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 5Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 6Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 7Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 8Page - Texas Instruments LM43602-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
SW
PGND
VIN
PAD
1
16
2
3
4
5
6
8
7
9
15
14
13
12
11
10
LM43602-Q1
www.ti.com
SNVSA83A – APRIL 2015 – REVISED MAY 2015
6 Pin Configuration and Functions
PWP Package
16-Pin HTSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NUMBER
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to
SW
1,2
P
power inductor.
Boot-strap capacitor connection for high-side driver. Connect a high quality 470 nF capacitor
CBOOT
3
P
from CBOOT to SW.
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND.
VCC
4
P
Do not connect external loading to this pin. Never short this pin to ground during operation.
Optional internal LDO supply input. To improve efficiency, it is recommended to tie to VOUT
when 3.3 V
≤ VOUT ≤ 28 V, or tie to an external 3.3 V or 5 V rail if available. When used, place
BIAS
5
P
a bypass capacitor (1 to 10 µF) from this pin to ground. Tie to ground when not in use. BIAS
pin voltage should not exceed VIN.
Clock input to synchronize switching action to an external clock. Use proper high speed
SYNC
6
A
termination to prevent ringing. Connect to ground if not used.
Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating
RT
7
A
for 500 kHz default switching frequency.
Open drain output for power-good flag. Use a 10 k
Ω to 100 kΩ pull-up resistor to logic rail or
PGOOD
8
A
other DC voltage no higher than 12 V.
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not
FB
9
A
short this pin to ground during operation.
Analog ground pin. Ground reference for internal references and logic. Connect to system
AGND
10
G
ground.
Soft-start control pin. Leave floating for internal soft-start slew rate. Connect to a capacitor to
SS/TRK
11
A
extend soft start time. Connect to external voltage ramp for tracking.
Enable input to the internal LDO and regulator. High = ON and low = OFF. Connect to VIN, or
EN
12
A
to VIN through resistor divider,or to an external voltage or logic source. Do not float.
Supply input pins to internal LDO and high side power FET. Connect to power supply and
VIN
13,14
P
bypass capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be as
short as possible.
Power ground pins, connected internally to the low side power FET. Connect to system
PGND
15,16
G
ground, PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible.
Low impedance connection to AGND. Connect to PGND on PCB. Major heat dissipation path
PAD
17
of the die. Must be used for heat sinking to ground plane on PCB.
(1)
P = Power, G = Ground, A = Analog
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM43602-Q1


Số phần tương tự - LM43602-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM43602-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com