công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM43601-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
LM43601-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 51 page LM43601-Q1 SNVSAA0A – JULY 2015 – REVISED AUGUST 2015 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings (1) Over operating free-air temperature range (unless otherwise noted) PARAMETER MIN MAX UNIT VIN to PGND -0.3 42 EN to PGND -0.3 VIN + 0.3 FB, RT, SS/TRK to AGND -0.3 3.6 Input Voltages PGOOD to AGND -0.3 15 V SYNC to AGND -0.3 5.5 BIAS to AGND -0.3 30 AGND to PGND -0.3 0.3 SW to PGND -0.3 VIN + 0.3 SW to PGND less than 10ns Transients -3.5 42 Output Voltages V CBOOT to SW -0.3 5.5 VCC to AGND -0.3 3.6 Storage temperature Tstg -65 +150 °C range (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 7.2 ESD Ratings VALUE UNIT Human-body model (HBM), per AEC Q100-002(1) ±2000 V(ESD) Electrostatic discharge V Charged-device model (CDM), per AEC Q100-011 ±750 (1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification. 7.3 Recommended Operating Conditions (1) Over operating free-air temperature range (unless otherwise noted) PARAMETER MIN MAX UNIT VIN to PGND 3.5 36 EN -0.3 VIN FB -0.3 1.1 Input Voltages PGOOD -0.3 12 V BIAS input not used -0.3 0.3 BIAS input used 3.3 VIN or 28(2) AGND to PGND -0.1 0.1 Output Voltage VOUT 1.0 28 V Output Current IOUT 0 1 A Temperature Operating junction temperature range, TJ -40 +125 °C (1) Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics. (2) Whichever is lower Electrical Characteristics. 4 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: LM43601-Q1 |
Số phần tương tự - LM43601-Q1_15 |
|
Mô tả tương tự - LM43601-Q1_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |