công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM27342-Q1 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM27342-Q1
Giải thích chi tiết về linh kiện  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM27342-Q1 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM27342-Q1 Datasheet HTML 7Page - Texas Instruments LM27342-Q1 Datasheet HTML 8Page - Texas Instruments LM27342-Q1 Datasheet HTML 9Page - Texas Instruments LM27342-Q1 Datasheet HTML 10Page - Texas Instruments LM27342-Q1 Datasheet HTML 11Page - Texas Instruments LM27342-Q1 Datasheet HTML 12Page - Texas Instruments LM27342-Q1 Datasheet HTML 13Page - Texas Instruments LM27342-Q1 Datasheet HTML 14Page - Texas Instruments LM27342-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
0
0
VIN
-VD1
tON
t
t
D = tON/TSW
VSW
tOFF
TSW
iL
'iL
IOUT
ILPK
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
Figure 32. LM27341/LM27342 Waveforms of SW Pin Voltage and Inductor Current
BOOST FUNCTION
Capacitor C2 in Figure 31, commonly referred to as CBOOST, is used to store a voltage VBOOST. When the
LM27341/LM27342 starts up, an internal LDO charges CBOOST ,via an internal diode, to a voltage sufficient to
turn the internal NMOS switch on. The gate drive voltage supplied to the internal NMOS switch is VBOOST - VSW.
During a normal switching cycle, when the internal NMOS control switch is off (tOFF) (refer to Figure 32), VBOOST
equals VLDO minus the forward voltage of the internal diode (VD2). At the same time the inductor current (iL)
forward biases the catch diode D1 forcing the SW pin to swing below ground by the forward voltage drop of the
catch diode (VD1). Therefore, the voltage stored across CBOOST is
VBOOST - VSW = VLDO - VD2 + VD1
(1)
Thus,
VBOOST = VSW + VLDO - VD2 + VD1
(2)
When the NMOS switch turns on (tON), the switch pin rises to
VSW = VIN – (RDSON x IL),
(3)
reverse biasing D1, and forcing VBOOST to rise. The voltage at VBOOST is then
VBOOST = VIN – (RDSON x IL) + VLDO – VD2 + VD1
(4)
which is approximately
VIN + VLDO- 0.4V
(5)
VBOOST has pulled itself up by its "bootstraps", or boosted to a higher voltage.
LOW INPUT VOLTAGE CONSIDERATIONS
When the input voltage is below 5V and the duty cycle is greater than 75 percent, the gate drive voltage
developed across CBOOST might not be sufficient for proper operation of the NMOS switch. In this case, CBOOST
should be charged via an external Schottky diode attached to a 5V voltage rail, see Figure 33. This ensures that
the gate drive voltage is high enough for proper operation of the NMOS switch in the triode region. Maintain
VBOOST - VSW less than the 6V absolute maximum rating.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1


Số phần tương tự - LM27342-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM27342 TI1-LM27342 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM27342MY NSC-LM27342MY Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27342MY NSC-LM27342MY Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27342MYX NSC-LM27342MYX Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27342MYX NSC-LM27342MYX Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Mô tả tương tự - LM27342-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 NSC-LM27341_10 Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341_14 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com