công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM26420-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM26420-Q1
Giải thích chi tiết về linh kiện  LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM26420-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM26420-Q1 Datasheet HTML 1Page - Texas Instruments LM26420-Q1 Datasheet HTML 2Page - Texas Instruments LM26420-Q1 Datasheet HTML 3Page - Texas Instruments LM26420-Q1 Datasheet HTML 4Page - Texas Instruments LM26420-Q1 Datasheet HTML 5Page - Texas Instruments LM26420-Q1 Datasheet HTML 6Page - Texas Instruments LM26420-Q1 Datasheet HTML 7Page - Texas Instruments LM26420-Q1 Datasheet HTML 8Page - Texas Instruments LM26420-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
VIN
PG1
PG2
SW1
SW2
FB1
FB2
GND
VOUT1
2.5V/2A
VIN
3V to 5.5V
EN1
EN2
Buck 1
Buck 2
VOUT2
1.2V/2A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM26420, LM26420-Q0, LM26420-Q1
SNVS579J – FEBRUARY 2009 – REVISED SEPTEMBER 2015
LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous
DC-DC Converter
1 Features
3 Description
The
LM26420
regulator
is
a
monolithic,
high-
1
Input Voltage Range of 3 V to 5.5 V
efficiency dual PWM step-down DC-DC converter.
Output Voltage Range of 0.8 V to 4.5 V
This device has the ability to drive two 2-A loads with
2-A Output Current per Regulator
an internal 75-m
Ω PMOS top switch and an internal
50-m
Ω NMOS bottom switch using state-of-the-art
High Switching Frequency: 2.2 MHz (LM26420X)
BICMOS technology results in the best power density
0.55 MHz (LM26420Y)
available. The world-class control circuitry allow on
0.8 V, 1.5% Internal Voltage Reference
times as low as 30 ns, thus supporting exceptionally
Internal Soft-start
high-frequency conversion over the entire 3-V to 5.5-
V input operating range down to the minimum output
Independent Power Good and Precision Enable
voltage of 0.8 V.
for Each Output
Current Mode, PWM Operation
Although the operating frequency is high, efficiencies
up to 93% are easy to achieve. External shutdown is
Thermal Shutdown
included, featuring an ultra-low standby current. The
Overvoltage Protection
LM26420 utilizes current-mode control and internal
Start-up into Pre-biased Output Loads
compensation to provide high performance regulation
over a wide range of operating conditions.
Regulators are 180° Out of Phase
LM26420-Q0: AEC-Q100 Grade 0 (Q0) Qualified
Device Information(1)
(TJ = –40°C to 150°C)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM26420-Q1: AEC-Q100 Grade 1 (Q1) Qualified
HTSSOP (20)
6.50 mm x 4.40 mm
(TJ = –40°C to 125°C)
LM26420
WQFN (16)
4.00 mm x 4.00 mm
Compliant with CISPR25 Class 5 Conducted
(1) For all available packages, see the orderable addendum at
Emissions
the end of the data sheet.
2 Applications
space
Local 5 V to Vcore of FPGAs
space
Core Power in HDDs and Set-Top Boxes
USB Powered Devices
Powering Core and I/O Voltages for CPUs and
ASICs
Automotive Camera, Infotainment, and Clusters
space
LM26420 Dual Buck DC-DC Converter
LM26420 Efficiency (Up to 93%)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM26420-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM26420-Q1 TI1-LM26420-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

Mô tả tương tự - LM26420-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM26420 TI1-LM26420_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
   High efficiency synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
   high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com