công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM26001B bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM26001B
Giải thích chi tiết về linh kiện  LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM26001B bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM26001B Datasheet HTML 1Page - Texas Instruments LM26001B Datasheet HTML 2Page - Texas Instruments LM26001B Datasheet HTML 3Page - Texas Instruments LM26001B Datasheet HTML 4Page - Texas Instruments LM26001B Datasheet HTML 5Page - Texas Instruments LM26001B Datasheet HTML 6Page - Texas Instruments LM26001B Datasheet HTML 7Page - Texas Instruments LM26001B Datasheet HTML 8Page - Texas Instruments LM26001B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM26001B
SW
SW
BOOT
FB
COMP
VDD
GND
FPWM
FREQ
SS
SYNC
EN
PGOOD
VIN
2
3
13
9
14
4
10
6
11
5
8
7
15
16
VIN
VOUT
VIN
VBIAS
1
12
C1
C5
R3
C8
R5
L
C4
R2
R1
C6
C3
R4
D1
VDD
17
EP
R6
EN
SYNC
+
LM26001B
www.ti.com
SNVS491B – MAY 2007 – REVISED APRIL 2013
LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
Check for Samples: LM26001B
1
FEATURES
DESCRIPTION
The LM26001B is a switching regulator designed for
2
High Efficiency Sleep Mode
the high efficiency requirements of applications with
40 µA Typical Iq in Sleep Mode
stand-by modes. The device features a low-current
10 µA Typical Iq in Shutdown Mode
sleep mode to maintain efficiency under light-load
conditions and current-mode control for accurate
3.0V Minimum Input Voltage
regulation over a wide input voltage range. Quiescent
4.0V to 18V Continuous Input Range
current is reduced to 10 µA typically in shutdown
2.0% Reference Accuracy
mode and less than 40 µA in sleep mode. Forced
PWM mode is also available to disable sleep mode.
Cycle-by-Cycle Current Limit
Adjustable Frequency (150 kHz to 500 kHz)
The LM26001B can deliver up to 1.5A of continuous
load current with a fixed current limit, through the
Synchronizable to an External Clock
internal N-channel switch. The part has a wide input
Power Good Flag
voltage range of 4.0V to 18V and can operate with
Forced PWM Function
input voltages as low as 3V during line transients.
Adjustable Soft-Start
Operating frequency is adjustable from 150 kHz to
HTSSOP-16 Exposed Pad Package
500
kHz
with
a
single
resistor
and
can
be
synchronized to an external clock.
Thermal Shut Down
Other features include Power good, adjustable soft-
APPLICATIONS
start, enable pin, input under-voltage protection, and
an internal bootstrap diode for reduced component
Automotive Telematics
count.
Navigation Systems
In-Dash Instrumentation
Battery Powered Applications
Stand-by Power for Home Gateways/Set-Top
Boxes
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM26001B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001BMH NSC-LM26001BMH Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001BMHX NSC-LM26001BMHX Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Mô tả tương tự - LM26001B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com