công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25011AMYX bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25011AMYX
Giải thích chi tiết về linh kiện  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25011AMYX bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM25011AMYX Datasheet HTML 1Page - Texas Instruments LM25011AMYX Datasheet HTML 2Page - Texas Instruments LM25011AMYX Datasheet HTML 3Page - Texas Instruments LM25011AMYX Datasheet HTML 4Page - Texas Instruments LM25011AMYX Datasheet HTML 5Page - Texas Instruments LM25011AMYX Datasheet HTML 6Page - Texas Instruments LM25011AMYX Datasheet HTML 7Page - Texas Instruments LM25011AMYX Datasheet HTML 8Page - Texas Instruments LM25011AMYX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 10
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 15
2
Applications ........................................................... 1
8
Application and Implementation ........................ 16
3
Description ............................................................. 1
8.1
Application Information............................................ 16
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 16
5
Pin Configurations and Functions ....................... 3
9
Power Supply Recommendations ...................... 22
6
Specifications......................................................... 4
10
Layout................................................................... 22
6.1
Absolute Maximum Ratings ..................................... 4
10.1
Layout Guidelines ................................................. 22
6.2
Handling Ratings: LM25011...................................... 4
10.2
Layout Example .................................................... 22
6.3
Handling Ratings: LM25011-Q1................................ 4
10.3
Power Dissipation ................................................. 22
6.4
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 23
6.5
Thermal Information .................................................. 5
11.1
Related Links ........................................................ 23
6.6
Electrical Characteristics........................................... 6
11.2
Trademarks ........................................................... 23
6.7
Typical Characteristics .............................................. 7
11.3
Electrostatic Discharge Caution ............................ 23
7
Detailed Description ............................................ 10
11.4
Glossary ................................................................ 23
7.1
Overview ................................................................. 10
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 10
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (February 2013) to Revision H
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision F (February 2013) to Revision G
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 22
2
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1


Số phần tương tự - LM25011AMYX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25011AMYX TI-LM25011AMYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMYX TI-LM25011AMYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Mô tả tương tự - LM25011AMYX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com