công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25018 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM25018
Giải thích chi tiết về linh kiện  LM25018 48-V, 325-mA Constant On-Time Synchronous Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25018 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM25018_15 Datasheet HTML 7Page - Texas Instruments LM25018_15 Datasheet HTML 8Page - Texas Instruments LM25018_15 Datasheet HTML 9Page - Texas Instruments LM25018_15 Datasheet HTML 10Page - Texas Instruments LM25018_15 Datasheet HTML 11Page - Texas Instruments LM25018_15 Datasheet HTML 12Page - Texas Instruments LM25018_15 Datasheet HTML 13Page - Texas Instruments LM25018_15 Datasheet HTML 14Page - Texas Instruments LM25018_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
+
VIN
UVLO
VIN
RUV1
CIN
RUV2
2
3
LM25018
LM25018
www.ti.com
SNVS953D – DECEMBER 2012 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.9 Undervoltage Detector
The LM25018 device contains a dual-level undervoltage lockout (UVLO) circuit. A summary of threshold voltages
and operational states is provided in Device Functional Modes. When the UVLO pin voltage is below 0.66 V, the
controller is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.66 V but less than
1.225 V, the controller is in standby mode. In standby mode the VCC bias regulator is active while the regulator
output is disabled. When the VCC pin exceeds the VCC undervoltage threshold and the UVLO pin voltage is
greater than 1.225 V, normal operation begins. An external set-point voltage divider from VIN to GND can be
used to set the minimum operating voltage of the regulator.
UVLO hysteresis is accomplished with an internal 20-
μA current source that is switched on or off into the
impedance of the set-point divider. When the UVLO threshold is exceeded, the current source is activated to
quickly raise the voltage at the UVLO pin. The hysteresis is equal to the value of this current times the resistance
RUV2.
If the UVLO pin is wired directly to the VIN pin, the regulator will begin operation once the VCC undervoltage is
satisfied.
Figure 11. UVLO Resistor Setting
7.3.10 Thermal Protection
The LM25018 device should be operated so the junction temperature does not exceed 150°C during normal
operation. An internal Thermal Shutdown circuit is provided to protect the LM25018 in the event of a higher than
normal junction temperature. When activated, typically at 165°C, the controller is forced into a low power reset
state, disabling the buck switch and the VCC regulator. This feature prevents catastrophic failures from accidental
device overheating. When the junction temperature reduces below 145°C (typical hysteresis = 20°C), the VCC
regulator is enabled, and normal operation is resumed.
7.3.11 Ripple Configuration
LM25018 uses constant on-time (COT) control scheme, in which the on-time is terminated by an on-timer, and
the off-time is terminated by the feedback voltage (VFB) falling below the reference voltage (VREF). Therefore, for
stable operation, the feedback voltage must decrease monotonically, in phase with the inductor current during
the off-time. Furthermore, this change in feedback voltage (VFB) during off-time must be large enough to
suppress any noise component present at the feedback node.
Table 1 shows three different methods for generating appropriate voltage ripple at the feedback node. Type 1
and Type 2 ripple circuits couple the ripple at the output of the converter to the feedback node (FB). The output
voltage ripple has two components:
1. Capacitive ripple caused by the inductor current ripple charging/discharging the output capacitor.
2. Resistive ripple caused by the inductor current ripple flowing through the ESR of the output capacitor.
The capacitive ripple is not in phase with the inductor current. As a result, the capacitive ripple does not
decrease monotonically during the off-time. The resistive ripple is in phase with the inductor current and
decreases monotonically during the off-time. The resistive ripple must exceed the capacitive ripple at the output
node (VOUT) for stable operation. If this condition is not satisfied unstable switching behavior is observed in COT
converters, with multiple on-time bursts in close succession followed by a long off-time.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25018


Số phần tương tự - LM25018_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25018MR/NOPB TI-LM25018MR/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018MRE/NOPB TI-LM25018MRE/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018MRX/NOPB TI-LM25018MRX/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018SD/NOPB TI-LM25018SD/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018SDE/NOPB TI-LM25018SDE/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
More results

Mô tả tương tự - LM25018_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25017 48-V, 650-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com