công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25011 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM25011
Giải thích chi tiết về linh kiện  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25011 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM25011_15 Datasheet HTML 7Page - Texas Instruments LM25011_15 Datasheet HTML 8Page - Texas Instruments LM25011_15 Datasheet HTML 9Page - Texas Instruments LM25011_15 Datasheet HTML 10Page - Texas Instruments LM25011_15 Datasheet HTML 11Page - Texas Instruments LM25011_15 Datasheet HTML 12Page - Texas Instruments LM25011_15 Datasheet HTML 13Page - Texas Instruments LM25011_15 Datasheet HTML 14Page - Texas Instruments LM25011_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
RT =
VOUT - (VIN x FS x 15 ns)
FS x 4.1 x 10
-11
- 500:
tON =
(VIN)
4.1 x 10
-11
x (RT + 500:)
+ 15 ns
FS =
VOUT
2 x L1 x 1.19 x 1021
RL x RT
2
DC =
tON
tON + tOFF
=
= tON x FS
VOUT
VIN
FS =
VOUT
(4.1 x 10
-11
x (RT + 0.5k)) + (VIN x 15 ns)
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
www.ti.com
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
Feature Description (continued)
When in regulation, the LM25011 operates in continuous conduction mode at heavy load currents and
discontinuous conduction mode at light load currents. In continuous conduction mode, the inductor current is
always greater than zero and the operating frequency remains relatively constant with load and line variations.
The minimum load current for continuous conduction mode is one-half of the ripple current amplitude of the
inductor. The approximate operating frequency is calculated as follows:
(1)
The buck switch duty cycle is approximately equal to:
(2)
When the load current is less than one-half of the ripple current amplitude of the inductor, the circuit operates in
discontinuous conduction mode. The off-time is longer than in continuous conduction mode while the inductor
current is zero, causing the switching frequency to reduce as the load current is reduced. Conversion efficiency is
maintained at light loads because the switching losses are reduced with the reduction in load and frequency. The
approximate discontinuous operating frequency can be calculated as follows:
(3)
where RL = the load resistance, and L1 is the inductor in the circuit.
The output voltage is set by the two feedback resistors (RFB1, RFB2 in the Functional Block Diagram ). The
regulated output voltage is calculated as follows:
VOUT = 2.51 V × (RFB1 + RFB2) / RFB1
(4)
Ripple voltage, which is required at the input of the regulation comparator for proper output regulation, is
generated internally in the LM25011, and externally when the LM25011A is used. In the LM25011 the ERM
(emulated ripple mode) control circuit generates the required internal ripple voltage from the ripple waveform at
the CS pin. The LM25011A, which is designed for higher frequency operation, requires additional ripple voltage
which must be generated externally and provided to the FB pin. This is described in the Application and
Implementation section.
7.3.2 On-Time Timer
The on-time for the LM25011/LM25011A is determined by the RT resistor and the input voltage (VIN), calculated
from:
(5)
The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. To set a specific
continuous conduction mode switching frequency (FS), the RT resistor is determined from the following:
(6)
The on-time must be chosen greater than 90 ns for proper operation. Equation 1, Equation 5, and Equation 6 are
valid only during normal operation; that is, the circuit is not in current limit. When the LM25011 operates in
current limit, the on-time is reduced by approximately 40% (this feature is not present in LM25011A). This feature
reduces the peak inductor current which may be excessively high if the load current and the input voltage are
simultaneously high. This feature operates on a cycle-by-cycle basis until the load current is reduced and the
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1


Số phần tương tự - LM25011_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Mô tả tương tự - LM25011_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com