công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25005 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM25005
Giải thích chi tiết về linh kiện  LM25005 42V, 2.5A Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25005 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM25005_15 Datasheet HTML 6Page - Texas Instruments LM25005_15 Datasheet HTML 7Page - Texas Instruments LM25005_15 Datasheet HTML 8Page - Texas Instruments LM25005_15 Datasheet HTML 9Page - Texas Instruments LM25005_15 Datasheet HTML 10Page - Texas Instruments LM25005_15 Datasheet HTML 11Page - Texas Instruments LM25005_15 Datasheet HTML 12Page - Texas Instruments LM25005_15 Datasheet HTML 13Page - Texas Instruments LM25005_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SYNC
LM25005
UP TO 5 TOTAL
DEVICES
LM25005
SYNC
SYNC
AGND
LM25005
SW
CLK
SYNC
SW
500 ns
RT =
- 580 x 10
-9
135 x 10
-12
F
1
LM25005
SNVS411C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Shutdown / Standby
The LM25005 contains a dual level Shutdown (SD) circuit. When the SD pin voltage is below 0.7V, the regulator
is in a low current shutdown mode. When the SD pin voltage is greater than 0.7V but less than 1.225V, the
regulator is in standby mode. In standby mode the Vcc regulator is active but the output switch is disabled. When
the SD pin voltage exceeds 1.225V, the output switch is enabled and normal operation begins. An internal 5µA
pull-up current source configures the regulator to be fully operational if the SD pin is left open.
An external set-point voltage divider from Vin to GND can be used to set the operational input range of the
regulator. The divider must be designed such that the voltage at the SD pin will be greater than 1.225V when Vin
is in the desired operating range. The internal 5µA pull-up current source must be included in calculations of the
external set-point divider. Hysteresis of 0.1V is included for both the shutdown and standby thresholds. The
voltage at the SD pin should never exceed 8V. When using an external set-point divider, it may be necessary to
clamp the SD pin to limit its voltage at high input voltage conditions.
The SD pin can also be used to implement various remote enable / disable functions. Pulling the UVLO pin
below the 0.7V threshold totally disables the controller. If the SD pin voltage is above 1.225V the regulator will be
operational.
Oscillator and Sync Capability
The LM25005 oscillator frequency is set by a single external resistor connected between the RT pin and the
AGND pin. The RT resistor should be located very close to the device and connected directly to the pins of the IC
(RT and AGND).To set a desired oscillator frequency (F), the necessary value for the RT resistor can be
calculated from the following equation:
(1)
The SYNC pin can be used to synchronize the internal oscillator to an external clock. The external clock must be
of higher frequency than the free-running frequency set by the RT resistor. A clock circuit with an open drain
output is the recommended interface from the external clock to the SYNC pin. The clock pulse duration should
be greater than 15 ns.
Figure 10. Sync from External Clock
Figure 11. Sync from Multiple Devices
Multiple LM25005 and/or LM5005 devices can be synchronized together simply by connecting the SYNC pins
together. In this configuration all of the devices will be synchronized to the highest frequency device. The
diagram in Figure 12 illustrates the SYNC input/output features of the LM25005. The internal oscillator circuit
drives the SYNC pin with a strong pull-down / weak pull-up inverter. When the SYNC pin is pulled low either by
the internal oscillator or an external clock, the ramp cycle of the oscillator is terminated and a new oscillator cycle
begins. Thus, if the SYNC pins of several LM25005 IC’s are connected together, the IC with the highest internal
clock frequency will pull the connected SYNC pins low first and terminate the oscillator ramp cycles of the other
IC’s. The LM25005 or LM5005 with the highest programmed clock frequency will serve as the master and control
the switching frequency of the all the devices with lower oscillator frequency.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25005


Số phần tương tự - LM25005_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25005MH NSC-LM25005MH Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005MH NSC-LM25005MH Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
LM25005MHX NSC-LM25005MHX Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005MHX NSC-LM25005MHX Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
More results

Mô tả tương tự - LM25005_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3975 LINER-LT3975_15 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com