công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22677-Q1 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM22677-Q1
Giải thích chi tiết về linh kiện  LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM22677-Q1 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM22677-Q1 Datasheet HTML 5Page - Texas Instruments LM22677-Q1 Datasheet HTML 6Page - Texas Instruments LM22677-Q1 Datasheet HTML 7Page - Texas Instruments LM22677-Q1 Datasheet HTML 8Page - Texas Instruments LM22677-Q1 Datasheet HTML 9Page - Texas Instruments LM22677-Q1 Datasheet HTML 10Page - Texas Instruments LM22677-Q1 Datasheet HTML 11Page - Texas Instruments LM22677-Q1 Datasheet HTML 12Page - Texas Instruments LM22677-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
EN
Vin
RENB
RENT
LM22677, LM22677-Q1
www.ti.com
SNVS582O – SEPTEMBER 2008 – REVISED AUGUST 2015
Feature Description (continued)
Although an internal pullup is provided on the EN pin, it is good practice to pull the input high, when this feature
is not used, especially in noisy environments. This can most easily be done by connecting a resistor between VIN
and the EN pin. The resistor is required, because the internal zener diode, at the EN pin, will conduct for
voltages above about 6 V. The current in this zener must be limited to less than 100 µA. A resistor of 470 k
Ω will
limit the current to a safe value for input voltages as high 42 V. Smaller values of resistor can be used at lower
input voltages.
The LM22677 also incorporates an input undervoltage lock-out (UVLO) feature. This prevents the regulator from
turning on when the input voltage is not great enough to properly bias the internal circuitry. The rising threshold is
4.3 V (typical) while the falling threshold is 3.9 V (typical). In some cases these thresholds may be too low to
provide good system performance. The solution is to use the EN input as an external UVLO to disable the part
when the input voltage falls below a lower boundary. This is often used to prevent excessive battery discharge or
early turn-on during start-up. This method is also recommended to prevent abnormal device operation in
applications where the input voltage falls below the minimum of 4.5 V. Figure 11 shows the connections to
implement this method of UVLO. Equation 1 and Equation 2 can be used to determine the correct resistor
values.
(1)
where
Voff is the input voltage where the regulator shuts off.
Von is the voltage where the regulator turns on.
(2)
Due to the 6 µA pullup, the current in the divider should be much larger than this. A value of 20 k
Ω, for RENB is a
good first choice. Also, a zener diode may be needed between the EN pin and ground, in order to comply with
the absolute maximum ratings on this pin.
Figure 11. External UVLO Connections
7.3.2 Soft-Start
The soft-start feature allows the regulator to gradually reach steady-state operation, thus reducing start-up
stresses. The internal soft-start feature brings the output voltage up in about 500 µs. This time is fixed and can
not be changed. Soft-start is reset any time the part is shut down or a thermal overload event occurs.
7.3.3 Switching Frequency Adjustment and Synchronization
The LM22677 will operate in three different modes, depending on the condition of the RT/SYNC pin. With the
RT/SYNC pin floating, the regulator will switch at the internally set frequency of 500 kHz (typ). With a resistor in
the range of 25 k
Ω to 200 kΩ, connected from RT/SYNC to ground, the internal switching frequency can be
adjusted from 1 MHz to 200 kHz. Figure 12 shows the typical curve for switching frequency versus the external
resistance connected to the RT/SYNC pin. The accuracy of the switching frequency, in this mode, is slightly
worse than that of the internal oscillator; about ±25% is to be expected. Finally, an external clock can be applied
to the RT/SYNC pin to allow the regulator to synchronize to a system clock or another LM22677. The mode is
set during start-up of the regulator. When the LM22677 is enabled, or after VIN is applied, a weak pullup is
connected to the RT/SYNC pin and, after approximately 100 µs, the voltage on the pin is checked against a
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM22677 LM22677-Q1


Số phần tương tự - LM22677-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677QTJ-5.0 NSC-LM22677QTJ-5.0 Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677QTJ-ADJ NSC-LM22677QTJ-ADJ Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
More results

Mô tả tương tự - LM22677-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com