công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22674QMR-5.0/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM22674QMR-5.0/NOPB
Giải thích chi tiết về linh kiện  LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM22674QMR-5.0/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM22674QMR-5.0/NOPB Datasheet HTML 1Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 2Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 3Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 4Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 5Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 6Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 7Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 8Page - Texas Instruments LM22674QMR-5.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM22674-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM22674, LM22674-Q1
SNVS590M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER® Step-Down Voltage Regulator
with Features
1 Features
3 Description
The LM22674 switching regulator provides all of the
1
Wide Input Voltage Range: 4.5 V to 42 V
functions necessary to implement an efficient high
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable with Low ESR Ceramic Capacitors
of external components. This easy to use regulator
incorporates a 42 V N-channel MOSFET switch
200 m
Ω N-Channel MOSFET
capable of providing up to 500 mA of load current.
Output Voltage Options:
Excellent line and load regulation along with high
-ADJ (Outputs as Low as 1.285 V)
efficiency (> 90%) are featured. Voltage mode control
-5.0 (Output Fixed to 5 V)
offers short minimum on-time, allowing the widest
±1.5% Feedback Reference Accuracy
ratio between input and output voltages. Internal loop
compensation means that the user is free from the
Switching Frequency of 500 kHz
tedious task of calculating the loop compensation
–40°C to 125°C Operating Junction Temperature
components. Fixed 5 V output and adjustable output
Range
voltage options are available. A switching frequency
Precision Enable Pin
of 500 kHz allows for small external components and
good transient response. A precision enable input
Integrated Boot-Strap Diode
allows simplification of regulator control and system
Integrated Soft-Start
power sequencing. In shutdown mode the regulator
Fully WEBENCH® Enabled
draws only 25 µA (typ). Built in soft-start (500 µs, typ)
saves external components. The LM22674 also has
LM22674-Q1 is an Automotive Grade Product
built in thermal shutdown, and current limiting to
that is AEC-Q100 Grade 1 Qualified (–40°C to
protect against accidental overloads.
+125°C Operating Junction Temperature)
SO PowerPAD (Exposed Pad)
The
LM22674
device
is
a
member
of
Texas
Instruments'
SIMPLE
SWITCHER®
family.
The
SIMPLE SWITCHER® concept provides for an easy
2 Applications
to use complete design using a minimum number of
Industrial Control
external components and the TI WEBENCH® design
Telecom and Datacom Systems
tool. TI's WEBENCH® tool includes features such as
external component calculation, electrical simulation,
Embedded Systems
thermal simulation, and Build-It boards for easy
Conversions from Standard 24 V, 12 V and 5 V
design-in.
Input Rails
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM22674
HSOP (8)
4.89 mm x 3.90 mm
LM22674-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM22674QMR-5.0/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22674QMR-5.0/NOPB TI-LM22674QMR-5.0/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Mô tả tương tự - LM22674QMR-5.0/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com