công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22674MRE-ADJ/NOPB bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM22674MRE-ADJ/NOPB
Giải thích chi tiết về linh kiện  LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM22674MRE-ADJ/NOPB bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM22674MRE-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 11Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 12Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 13Page - Texas Instruments LM22674MRE-ADJ/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
100
1k
10k
100k
1M
10M
0
5
10
15
20
25
30
35
40
FREQUENCY (Hz)
-ADJ
-5.0
LM22674, LM22674-Q1
SNVS590M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Feature Description (continued)
7.3.4 Internal Compensation
The LM22674 device has internal loop compensation designed to provide a stable regulator over a wide range of
external power stage components.
The internal compensation of the -ADJ option is optimized for output voltages below 5 V. If an output voltage of
5 V or greater is needed, the -5.0 option with an external resistor divider can be used.
Ensuring stability of a design with a specific power stage (inductor and output capacitor) can be tricky. The
LM22674 stability can be verified using the WEBENCH Designer online circuit simulation tool. A quick start
spreadsheet can also be downloaded from the online product folder.
The complete transfer function for the regulator loop is found by combining the compensation and power stage
transfer functions. The LM22674 has internal type III loop compensation, as detailed in Figure 11. This is the
approximate "straight line" function from the FB pin to the input of the PWM modulator. The power stage transfer
function consists of a dc gain and a second order pole created by the inductor and output capacitor(s). Due to
the input voltage feedforward employed in the LM22674, the power stage dc gain is fixed at 20 dB. The second
order pole is characterized by its resonant frequency and its quality factor (Q). For a first pass design, the
product of inductance and output capacitance should conform to Equation 3.
(3)
Alternatively, this pole should be placed between 1.5 kHz and 15 kHz and is given by Equation 4.
(4)
The Q factor depends on the parasitic resistance of the power stage components and is not typically in the
control of the designer. Of course, loop compensation is only one consideration when selecting power stage
components; see the Typical Application section for more details.
Figure 11. Compensator Gain
In general, hand calculations or simulations can only aid in selecting good power stage components. Good
design practice dictates that load and line transient testing should be done to verify the stability of the application.
Also, Bode plot measurements should be made to determine stability margins. AN-1889 How to Measure the
Loop Transfer Function of Power Supplies (SNVA364) shows how to perform a loop transfer function
measurement with only an oscilloscope and function generator.
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22674 LM22674-Q1


Số phần tương tự - LM22674MRE-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22674MRE-ADJ/NOPB TI-LM22674MRE-ADJ/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Mô tả tương tự - LM22674MRE-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com