công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM21305 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM21305
Giải thích chi tiết về linh kiện  5A Adjustable Frequency Synchronous Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM21305 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM21305 Datasheet HTML 4Page - Texas Instruments LM21305 Datasheet HTML 5Page - Texas Instruments LM21305 Datasheet HTML 6Page - Texas Instruments LM21305 Datasheet HTML 7Page - Texas Instruments LM21305 Datasheet HTML 8Page - Texas Instruments LM21305 Datasheet HTML 9Page - Texas Instruments LM21305 Datasheet HTML 10Page - Texas Instruments LM21305 Datasheet HTML 11Page - Texas Instruments LM21305 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
VOUT 1V/DIV
EN 1V/DIV
PGOOD 1V/DIV
2 ms/DIV
IOUT 1A/DIV
2 ms/DIV
VOUT
1V/DIV
EN 1V/DIV
IOUT 1A/DIV
PGOOD 1V/DIV
2 ms/DIV
VOUT 1V/DIV
IOUT 1A/DIV
PGOOD 1V/DIV
EN 1V/DIV
LM21305
SNVS639F – DECEMBER 2009 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 12V, VOUT = 3.3V, fS = 500 kHz, TA = 25°C, L = 3.3 µH, COUT = 100 µF ceramic.
Soft-Start, No Load
Soft-Start with Resistive Load
Figure 14.
Figure 15.
Soft-Start with 2V Pre-Bias Voltage, No Load
Switching Waveform with 0A Load (DCM Operation)
Figure 16.
Figure 17.
Switching Waveform with 5A Load
Load Transient 0.1A to 5A
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM21305


Số phần tương tự - LM21305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM21305 NSC-LM21305 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305 Datasheet
3Mb / 12P
   Evaluation Board full featured adjustable frequency synchronous
logo
Texas Instruments
LM21305 TI1-LM21305 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305SQ NSC-LM21305SQ Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM21305SQE NSC-LM21305SQE Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
More results

Mô tả tương tự - LM21305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com