công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM21215A bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LM21215A
Giải thích chi tiết về linh kiện  LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM21215A bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM21215A_15 Datasheet HTML 4Page - Texas Instruments LM21215A_15 Datasheet HTML 5Page - Texas Instruments LM21215A_15 Datasheet HTML 6Page - Texas Instruments LM21215A_15 Datasheet HTML 7Page - Texas Instruments LM21215A_15 Datasheet HTML 8Page - Texas Instruments LM21215A_15 Datasheet HTML 9Page - Texas Instruments LM21215A_15 Datasheet HTML 10Page - Texas Instruments LM21215A_15 Datasheet HTML 11Page - Texas Instruments LM21215A_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
VOUT (50 mV/Div)
IOUT (5A/Div)
VOUT (200 mV/Div)
VSYNC (2V/Div)
VSWITCH (2V/Div)
VSWITCH (2V/Div)
VSYNC (2V/Div)
VOUT (200 mV/Div)
-40 -20
0
20
40
60
80 100 120
18.7
18.8
18.9
19.0
19.1
19.2
19.3
19.4
19.5
19.6
AMBIENT TEMPERATURE (°C)
-40 -20
0
20
40
60
80 100 120
2
3
4
5
6
7
8
9
10
JUNCTION TEMPERATURE (°C)
LOW SIDE
HIGH SIDE
-40 -20
0
20
40
60
80 100 120
120
124
128
132
136
140
144
148
152
156
160
JUNCTION TEMPERATURE (°C)
LM21215A
SNOSB87B – MARCH 2011 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: VVIN = 5V, VOUT = 1.2V, L= 0.56µH (1.8mΩ RDCR), CSS = 33nF, fSW = 500 kHz, TA = 25°C for
efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Minimum On-Time vs. Temperature
FET Resistance vs. Temperature
Figure 14.
Figure 15.
Peak Current Limit vs. Temperature
SYNC Signal Lost
Figure 16.
Figure 17. 4 µs/DIV
SYNC Signal Acquired
Load Transient Response
Figure 18. 10 µs/DIV
Figure 19. 100 µs/DIV
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21215A


Số phần tương tự - LM21215A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results

Mô tả tương tự - LM21215A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com