công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM21212-2 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM21212-2
Giải thích chi tiết về linh kiện  12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM21212-2 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM21212-2_15 Datasheet HTML 1Page - Texas Instruments LM21212-2_15 Datasheet HTML 2Page - Texas Instruments LM21212-2_15 Datasheet HTML 3Page - Texas Instruments LM21212-2_15 Datasheet HTML 4Page - Texas Instruments LM21212-2_15 Datasheet HTML 5Page - Texas Instruments LM21212-2_15 Datasheet HTML 6Page - Texas Instruments LM21212-2_15 Datasheet HTML 7Page - Texas Instruments LM21212-2_15 Datasheet HTML 8Page - Texas Instruments LM21212-2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM21212-2
SNVS715A – MARCH 2011 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, the following conditions apply: VPVIN, AVIN = 5V. Limits in standard type are for TJ = 25°C only, limits
in bold face type apply over the junction temperature (TJ) range of −40°C to +125°C. Minimum and maximum limits are
specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C,
and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fSW
Switching Frequency
RADJ = 22.6kΩ
1400
1550
1700
kHz
RADJ = 95.3kΩ
465
500
535
tHSBLANK
HS OCP Blanking Time
Rising edge of SW to ICLR
55
ns
comparison
tLSBLANK
LS OCP Blanking Time
Falling edge of SW to ICLF
400
ns
comparison
tZXBLANK
Zero Cross Blanking Time
Falling edge of SW to VZX
120
ns
comparison
tMINON
Minimum HS on-time
140
ns
ΔVramp
PWM Ramp p-p Voltage
0.8
V
ERROR AMPLIFIER
VOL
Error Amplifier Open Loop Voltage Gain
ICOMP = -65µA to 1mA
95
dBV/V
GBW
Error Amplifier Gain-Bandwidth Product
11
MHz
IFB
Feedback Pin Bias Current
VFB = 0.6V
1
nA
ICOMPSRC
COMP Output Source Current
1
mA
ICOMPSINK
COMP Output Sink Current
65
µA
POWERGOOD
VOVP
Over Voltage Protection Rising Threshold
VFB Rising
105
112.5
120
%VFB
VOVPHYS
Over Voltage Protection Hysteresis
VFB Falling
2
%VFB
VUVP
Under Voltage Protection Rising Threshold
VFB Rising
82
90
97
%VFB
VUVPHYS
Under Voltage Protection Hysteresis
VFB Falling
2.5
%VFB
tPGDGL
PGOOD Deglitch Low (OVP/UVP Condition Duration
15
µs
to PGOOD Falling)
tPGDGH
PGOOD Deglitch High (minimum low pulse)
12
µs
RPGOOD
PGOOD Pull-down Resistance
10
20
40
IPGOODLEAK
PGOOD Leakage Current
VPGOOD = 5V
1
nA
LOGIC
VIHSYNC
SYNC Pin Logic High
2.0
V
VILSYNC
SYNC Pin Logic Low
0.8
V
VIHENR
EN Pin Rising Threshold
VEN Rising
1.20
1.35
1.45
V
VENHYS
EN Pin Hysteresis
50
110
180
mV
IEN
EN Pin Pullup Current
VEN = 0V
2
µA
THERMAL SHUTDOWN
TTHERMSD
Thermal Shutdown
165
°C
TTHERMSDHYS Thermal Shutdown Hysteresis
10
°C
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21212-2


Số phần tương tự - LM21212-2_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results

Mô tả tương tự - LM21212-2_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com