công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20125 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM20125
Giải thích chi tiết về linh kiện  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM20125 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM20125 Datasheet HTML 7Page - Texas Instruments LM20125 Datasheet HTML 8Page - Texas Instruments LM20125 Datasheet HTML 9Page - Texas Instruments LM20125 Datasheet HTML 10Page - Texas Instruments LM20125 Datasheet HTML 11Page - Texas Instruments LM20125 Datasheet HTML 12Page - Texas Instruments LM20125 Datasheet HTML 13Page - Texas Instruments LM20125 Datasheet HTML 14Page - Texas Instruments LM20125 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IBOUNDARY =
(VIN ± VOUT) x D
2 x L x fSW
LM20125
www.ti.com
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
POWER GOOD AND OVER VOLTAGE FAULT HANDLING
The LM20125 has built in under and over voltage comparators that control the power switches. Whenever there
is an excursion in output voltage above the set OVP threshold, the part will terminate the present on-pulse, turn-
on the low side FET, and pull the PGOOD pin low. The low side FET will remain on until either the FB voltage
falls back into regulation or the zero cross detection is triggered which in turn tri-states the FETs. If the output
reaches the UVP threshold the part will continue switching and the PGOOD pin will be asserted and go low.
Typical values for the PGOOD resistor are on the order of 100 k
Ω or less. To avoid false tripping during transient
glitches the PGOOD pin has 16 µs of built in deglitch time to both rising and falling edges.
UVLO
The LM20125 has a built-in under-voltage lockout protection circuit that keeps the device from switching until the
input voltage reaches 2.7V (typical). The UVLO threshold has 45 mV of hysteresis that keeps the device from
responding to power-on glitches during start up. If desired the turn-on point of the supply can be changed by
using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 29 in the
design guide.
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 160°C, the LM20125 tri-states the power FETs
and resets Soft-Start. After the junction cools to approximately 150°C, the part starts up using the normal start up
routine. This feature is provided to prevent catastrophic failures from accidental device overheating.
LIGHT LOAD OPERATION
The LM20125 offers increased efficiency when operating at light loads. Whenever the load current is reduced to
a point where the peak to peak inductor ripple current is greater than two times the load current, the part will
enter the diode emulation mode preventing significant negative inductor current. The point at which this occurs is
the critical conduction boundary and can be calculated by the following equation:
(1)
Several diagrams are shown in Figure 24 illustrating continuous conduction mode (CCM), discontinuous
conduction mode, and the boundary condition.
It can be seen that in diode emulation mode, whenever the inductor current reaches zero the SW node will
become high impedance. Ringing will occur on this pin as a result of the LC tank circuit formed by the inductor
and the parasitic capacitance at the node. If this ringing is of concern an additional RC snubber circuit can be
added from the switch node to ground.
At very light loads, usually below 100 mA, several pulses may be skipped in between switching cycles, effectively
reducing the switching frequency and further improving light-load efficiency.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20125


Số phần tương tự - LM20125

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MH NSC-LM20125MH Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHE NSC-LM20125MHE Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHX NSC-LM20125MHX Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
More results

Mô tả tương tự - LM20125

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
[Old version datasheet]   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com