công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20125 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM20125
Giải thích chi tiết về linh kiện  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM20125 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM20125_15 Datasheet HTML 1Page - Texas Instruments LM20125_15 Datasheet HTML 2Page - Texas Instruments LM20125_15 Datasheet HTML 3Page - Texas Instruments LM20125_15 Datasheet HTML 4Page - Texas Instruments LM20125_15 Datasheet HTML 5Page - Texas Instruments LM20125_15 Datasheet HTML 6Page - Texas Instruments LM20125_15 Datasheet HTML 7Page - Texas Instruments LM20125_15 Datasheet HTML 8Page - Texas Instruments LM20125_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
FB
PGOOD
COMP
NC
PVIN
PVIN
SW
SS/TRK
AVIN
VCC
EN
PGND
PGND
SW
AGND
NC
EP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LM20125
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
Top View
See Package Number PWP0016A
PIN DESCRIPTIONS
Pin #
Name
Description
1
SS/TRK
Soft-Start or Tracking control input. An internal 5 µA current source charges an external capacitor to set the
soft-start ramp rate. If driven by a external source less than 800 mV, this pin overrides the internal reference
that sets the output voltage. If left open, an internal 1ms soft-start ramp is activated.
2
FB
Feedback input to the error amplifier from the regulated output. This pin is connected to the inverting input of
the internal transconductance error amplifier. An 800 mV reference connected to the non-inverting input of the
error amplifier sets the closed loop regulation voltage at the FB pin.
3
PGOOD
Power good output signal. Open drain output indicating the output voltage is regulating within tolerance. A
pull-up resistor of 10 k
Ω to 100 kΩ is recommend for most applications.
4
COMP
External compensation pin. Connect a resistor and capacitor to this pin to compensate the device.
5,16
NC
These pins must be connected to GND to ensure proper operation.
6,7
PVIN
Input voltage to the power switches inside the device. These pins should be connected together at the device.
A low ESR capacitor should be placed near these pins to stabilize the input voltage.
8,9
SW
Switch pin. The PWM output of the internal power switches.
10,11
PGND
Power ground pin for the internal power switches.
12
EN
Precision enable input for the device. An external voltage divider can be used to set the device turn-on
threshold. If not used the EN pin should be connected to PVIN.
13
VCC
Internal 2.7V sub-regulator. This pin should be bypassed with a 1 µF ceramic capacitor.
14
AVIN
Analog input supply that generates the internal bias. Must be connected to VIN through a low pass RC filter.
15
AGND
Quiet analog ground for the internal bias circuitry.
EP
Exposed Pad
Exposed metal pad on the underside of the package with a weak electrical connection to ground. It is
recommended to connect this pad to the PC board ground plane in order to improve heat dissipation.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20125


Số phần tương tự - LM20125_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20125MH NSC-LM20125MH Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHE NSC-LM20125MHE Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHX NSC-LM20125MHX Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
More results

Mô tả tương tự - LM20125_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
[Old version datasheet]   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com