công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20125 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM20125
Giải thích chi tiết về linh kiện  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM20125 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM20125_15 Datasheet HTML 5Page - Texas Instruments LM20125_15 Datasheet HTML 6Page - Texas Instruments LM20125_15 Datasheet HTML 7Page - Texas Instruments LM20125_15 Datasheet HTML 8Page - Texas Instruments LM20125_15 Datasheet HTML 9Page - Texas Instruments LM20125_15 Datasheet HTML 10Page - Texas Instruments LM20125_15 Datasheet HTML 11Page - Texas Instruments LM20125_15 Datasheet HTML 12Page - Texas Instruments LM20125_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7.4A
+
-
COMP
CONTROL
LOGIC
CURRENT
LIMIT
OVERVOLTAGE
UNDERVOLTAGE
ERROR AMP
PWM COMPARATOR
SS/TRK
PGOOD
+
-
+2.7V
REGULATOR
PVIN
PVIN
THERMAL
PROTECTION
PGND
SW
AVIN
CURRENT SENSE
VCC
1.18V
UVLO
2.7V
AGND
OSCILLATOR
+
752 mV
864 mV
PG-L
PG-L
2.7V
5 PA
gm = 510 Pmho
800 mV
+
-
+
DISCHARGE
DISCHARGE
SLOPE COMP
DIODE
EMULATION
+
-
VREF
+
-
FB
EN
+
-
+
-
(50 Ps)
+
-
+
-
PVIN
LM20125
www.ti.com
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
BLOCK DIAGRAM
OPERATION DESCRIPTION
GENERAL
The LM20125 switching regulator features all of the functions necessary to implement an efficient low voltage
buck regulator using a minimum number of external components. This easy to use regulator features two
integrated switches and is capable of supplying up to 5A of continuous output current. The regulator utilizes peak
current mode control with nonlinear slope compensation to optimize stability and transient response over the
entire output voltage range. Peak current mode control also provides inherent line feed-forward, cycle-by-cycle
current limiting and easy loop compensation. The fixed 500 kHz operating frequency minimizes the inductor size
while still achieving efficiencies up to 96%. The precision internal voltage reference allows the output to be set as
low as 0.8V. Fault protection features include: current limiting, thermal shutdown, over voltage protection, and
shutdown capability. The device is available in the HTSSOP 16-pin package featuring an exposed pad to aid
thermal dissipation. The LM20125 can be used in numerous applications to efficiently step-down from a 5V or
3.3V bus. The typical application circuit for the LM20125 is shown in Figure 25 in the design guide.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM20125


Số phần tương tự - LM20125_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20125MH NSC-LM20125MH Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHE NSC-LM20125MHE Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHX NSC-LM20125MHX Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
More results

Mô tả tương tự - LM20125_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
[Old version datasheet]   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com