công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20124-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM20124-Q1
Giải thích chi tiết về linh kiện  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM20124-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM20124-Q1 Datasheet HTML 1Page - Texas Instruments LM20124-Q1 Datasheet HTML 2Page - Texas Instruments LM20124-Q1 Datasheet HTML 3Page - Texas Instruments LM20124-Q1 Datasheet HTML 4Page - Texas Instruments LM20124-Q1 Datasheet HTML 5Page - Texas Instruments LM20124-Q1 Datasheet HTML 6Page - Texas Instruments LM20124-Q1 Datasheet HTML 7Page - Texas Instruments LM20124-Q1 Datasheet HTML 8Page - Texas Instruments LM20124-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM20124, LM20124-Q1
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, the following conditions apply: AVIN = PVIN = VIN = 5V. Limits in standard type are for TJ = 25°C
only, limits in bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits
are specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ =
25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VFB
Feedback pin voltage
VIN = 2.95V to 5.5V
0.788
0.8
0.812
V
ΔVOUT/ΔIOUT
Load Regulation
IOUT = 100 mA to 4A
0.08
%/A
ICL
Switch Current Limit Threshold
VIN = 3.3V
5.4
6.0
6.6
A
RDS_ON
High-Side Switch On Resistance
ISW = 3.5A
36
55
m
RDS_ON
Low-Side Switch On Resistance
ISW = 3.5A
32
52
m
IQ
Operating Quiescent Current
Non-switching, VFB = VCOMP
3.5
6
mA
ISD
Shutdown Quiescent current
VEN = 0V
90
180
µA
VUVLO
VIN Under Voltage Lockout
Rising VIN
2.45
2.7
2.95
V
VUVLO_HYS
VIN Under Voltage Lockout Hysteresis
Falling VIN
45
100
mV
VVCC
VCC Voltage
IVCC = 0 µA
2.45
2.7
2.95
V
ISS
Soft-Start Pin Source Current
VSS/TRK = 0V
2
4.5
7
µA
VTRACK
SS/TRK Accuracy, VSS - VFB
VSS/TRK = 0.4V
-10
3
15
mV
Oscillator
FOSC
Oscillator Frequency
900
1000
1100
kHz
DCMAX
Maximum Duty Cycle
ILOAD = 0A
85
%
TON_TIME
Minimum On Time
100
ns
TCL_BLANK
Current Sense Blanking Time
After Rising VSW
80
ns
Error Amplifier and Modulator
IFB
Feedback pin bias current
VFB = 0.8V
1
100
nA
ICOMP_SRC
COMP Output Source Current
VFB = VCOMP = 0.6V
80
100
µA
ICOMP_SNK
COMP Output Sink Current
VFB = 1.0V, VCOMP = 0.6V
80
100
µA
gm
Error Amplifier Transconductance
ICOMP = ± 50 µA
450
510
600
µmho
AVOL
Error Amplifier Voltage Gain
2000
V/V
Power Good
VOVP
Over Voltage Protection Rising Threshold
With respect to VFB
105
108
111
%
VOVP_HYS
Over Voltage Protection Hysteresis
2
3
%
VPGTH
PGOOD Rising Threshold
With respect to VFB
92
94
96
%
VPGHYS
PGOOD Falling Hysteresis
2
3
%
TPGOOD
PGOOD deglitch time
16
µs
IOL
PGOOD Low Sink Current
VPGOOD = 0.4V
0.6
1
mA
IOH
PGOOD High Leakage Current
VPGOOD = 5V
5
100
nA
Enable
VIH_EN
EN Pin turn-on Threshold
VEN Rising
1.08
1.18
1.28
V
VEN_HYS
EN Pin Hysteresis
66
mV
Thermal Shutdown
TSD
Thermal Shutdown
160
°C
TSD_HYS
Thermal Shutdown Hysteresis
10
°C
Thermal Resistance
θJA
Junction to Ambient
38
°C/W
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20124 LM20124-Q1


Số phần tương tự - LM20124-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MH NSC-LM20124MH Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MH NSC-LM20124MH Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MHE NSC-LM20124MHE Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
More results

Mô tả tương tự - LM20124-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154 NSC-LM20154_08 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
[Old version datasheet]   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com