công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3N90G-TMS2-T bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
3N90G-TMS2-T bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
1 / 5 page UNISONIC TECHNOLOGIES CO., LTD 3N90-E Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R205-007.C 3A, 900V N-CHANNEL POWER MOSFET DESCRIPTION The UTC 3N90-E provides excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. FEATURES * RDS(ON) < 6.2Ω @ VGS=10V, ID=1.5A * Fast Switching Capability * Avalanche Energy Specified * Improved dv/dt Capability, High Ruggedness SYMBOL RDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing 3N90L-TM3-T 3N90G-TM3-T TO-251 G D S Tube 3N90L-TMS2-T 3N90G-TMS2-T TO-251S2 G D S Tube 3N90L-TN3-R 3N90G-TN3-R TO-252 G D S Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING |
Số phần tương tự - 3N90G-TMS2-T |
|
Mô tả tương tự - 3N90G-TMS2-T |