công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3N70K-MK bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
3N70K-MK bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
2 / 6 page 3N70K-MK Preliminary Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R205-012.a ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 700 V Gate-Source Voltage VGSS ±30 V Avalanche Current (Note 2) IAR 3.0 A Continuous Drain Current ID 3.0 A Pulsed Drain Current (Note 2) IDM 12 A Avalanche Energy Single Pulsed (Note 3) EAS 60 mJ Repetitive (Note 2) EAR 7.5 mJ Power Dissipation PD 34 W Derate above 25°C 0.27 W/°C Peak Diode Recovery dv/dt (Note 4) dv/dt 4.5 V/ns Junction Temperature TJ +150 °C Operating Temperature TOPR -55 ~ +150 °C Storage Temperature TSTG -55 ~ +150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Repetitive Rating: Pulse width limited by maximum junction temperature 3. L = 13.33mH, IAS = 3A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C 4. ISD ≤3.0A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 62.5 °С/W Junction to Case θJC 3.7 °С/W |
Số phần tương tự - 3N70K-MK |
|
Mô tả tương tự - 3N70K-MK |