công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3253 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM3253
Giải thích chi tiết về linh kiện  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3253 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM3253_15 Datasheet HTML 2Page - Texas Instruments LM3253_15 Datasheet HTML 3Page - Texas Instruments LM3253_15 Datasheet HTML 4Page - Texas Instruments LM3253_15 Datasheet HTML 5Page - Texas Instruments LM3253_15 Datasheet HTML 6Page - Texas Instruments LM3253_15 Datasheet HTML 7Page - Texas Instruments LM3253_15 Datasheet HTML 8Page - Texas Instruments LM3253_15 Datasheet HTML 9Page - Texas Instruments LM3253_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM3253
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Limits in standard typeface are for TA = TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +90°C). Unless otherwise noted, all specifications apply to the Typical System Application Diagram
with: PVIN = VDD = EN = 3.8V, BP = 0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Feedback voltage at low
VFB, LOW
VCON = 0.16V, MODE = LOW(3)
0.3500
0.400
0.450
V
setting
Feedback voltage at high
VCON = 1.4V, VIN = 3.9V,
VFB, HIGH
3.492
3.6
3.708
V
setting
MODE = LOW(3)
ISHDN
Shutdown supply current
EN = SW = VCON = 0V(4)
0.02
4
µA
No switching(5)
Iq_PFM
DC bias current into VDD
260
310
MODE = HIGH
µA
No Switching (5)
Iq_PWM
DC bias current into VDD
975
1100
MODE = LOW
Positive transient peak current
ILIM,PFET, Transient
VCON = 0.6V(6)
2.3
2.5
A
limit
ILIM,PFET,Steady
Positive steady state peak
VCON = 0.6V(6)
1.78
1.9
2.09
A
State
current limit
Positive active current assist
VCON = 0.6V,
ILIM, P_ACB
1.40
1.70
2.00
A
peak current limit
VACB = 2.8V(6)
NFET Switch negative peak
ILIM, NFET
VCON = 1.0V(6)
−1.69
−1.50
−1.31
A
current limit
Average internal oscillator
FOSC
VCON = 1.0V
2.43
2.70
2.97
MHz
frequency
VIH
Logic HIGH input threshold
BP, EN, MODE
1.2
V
VIL
Logic LOW input threshold
BP, EN, MODE
0.5
IEN
EN pin pulldown current
EN = 3.6V
0
5
10
IIN
Pin input current
BP, MODE
−1
1
µA
IVCON
VCON pin leakage current
VCON = 1.0V
−1
1
Gain
VCON to VOUT Gain
0.16V
≤ VCON ≤ 1.44V(6)
2.5
V/V
(1)
All voltages are with respect to the potential at the GND pins. The LM3253 is designed for mobile phone applications where turn-on after
power-up is controlled by the system controller and where requirements for a small package size overrule increased die size for internal
Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin LOW until the input voltage
exceeds 2.7V.
(2)
Min and Max limits are specified by design, test, or statistical analysis.
(3)
The parameters in the electrical characteristics table are tested under open loop conditions at PVIN = VIN = 3.8V. For performance over
the input voltage range and closed-loop results, refer to the datasheet curves.
(4)
Shutdown current includes leakage current of PFET.
(5)
Iq specified here is when the part is not switching. For operating input current at no load, refer to datasheet curves.
(6)
Current limit is built-in, fixed, and not adjustable.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3253


Số phần tương tự - LM3253_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

Mô tả tương tự - LM3253_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com