công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3208 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
LM3208 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 25 page A1 B1 C1 A3 B3 C3 SW A2 C2 EN PGND SGND VDD FB VCON PVIN A3 B3 C3 A1 B1 C1 A2 C2 VCON SW PGND SGND FB PVIN VDD EN Top View Bottom View LM3208 SNVS404B – APRIL 2006 – REVISED MARCH 2013 www.ti.com CONNECTION DIAGRAMS Figure 2. 8-Bump Thin DSBGA Package, Large Bump Package Number YZR0008GNA PIN DESCRIPTIONS Pin # Name Description A1 PVIN Power Supply Voltage Input to the internal PFET switch. B1 VDD Analog Supply Input. C1 EN Enable Input. Set this digital input high for normal operation. For shutdown, set this pin low. C2 VCON Voltage Control Analog input. VCON controls VOUT in PWM mode. C3 FB Feedback Analog Input. Connect to the output at the output filter capacitor. B3 SGND Analog and Control Ground A3 PGND Power Ground A2 SW Switch node connection to the internal PFET switch and NFET synchronous rectifier. Connect to an inductor with a saturation current rating that exceeds the maximum Switch Peak Current Limit specification of the LM3208. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 2006–2013, Texas Instruments Incorporated Product Folder Links: LM3208 |
Số phần tương tự - LM3208_15 |
|
Mô tả tương tự - LM3208_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |