công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3204 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM3204
Giải thích chi tiết về linh kiện  LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3204 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM3204_15 Datasheet HTML 1Page - Texas Instruments LM3204_15 Datasheet HTML 2Page - Texas Instruments LM3204_15 Datasheet HTML 3Page - Texas Instruments LM3204_15 Datasheet HTML 4Page - Texas Instruments LM3204_15 Datasheet HTML 5Page - Texas Instruments LM3204_15 Datasheet HTML 6Page - Texas Instruments LM3204_15 Datasheet HTML 7Page - Texas Instruments LM3204_15 Datasheet HTML 8Page - Texas Instruments LM3204_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
A1
B1
C1
D1
A3
B3
C3
D3
SGND
A2
D2
EN
BYPOUT
PVIN
SW
PGND
VDD
FB
VCON
BYP
A3
B3
C3
D3
A1
B1
C1
D1
SGND
A2
D2
EN
BYPOUT
PVIN
SW
PGND
VDD
FB
VCON
BYP
LM3204
SNVS351C – JUNE 2005 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAMS
Figure 1. Top View
Figure 2. Bottom View
10–Bump Thin DSBGA Package, Large Bump.
See NS Package Number YPA0010NHA.
PIN DESCRIPTION
Pin #
Name
Description
A1
VDD
Analog Supply Input. A 0.1µF ceramic capacitor is recommended to be placed as close to this pin as possible.
(Figure 34)
B1
VCON
Voltage Control Analog input. VCON controls VOUT in PWM mode. Set: VOUT = 3 x VCON. Do not leave floating.
C1
FB
Feedback Analog Input. Connect to the output at the output filter capacitor. (Figure 34)
D1
BYP
Bypass. Use this digital input to command operation in Bypass mode. Set BYP low (<0.4V) for normal
operation.
D2
EN
Enable Input. Set this digital input high (>1.2V) after Vin >2.7V for normal operation. For shutdown, set low
(<0.4V).
D3
PGND
Power Ground
C3
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the maximum Switch Peak Current Limit
specification of the LM3204.
B3
PVIN
Power Supply Voltage Input to the internal PFET switch and Bypass FET. (Figure 34)
A3
BYPOUT
Bypass FET Drain. Connect to the output capacitor. (Figure 34) Do not leave floating.
A2
SGND
Analog and Control Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3204


Số phần tương tự - LM3204_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

Mô tả tương tự - LM3204_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com