công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3203 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM3203
Giải thích chi tiết về linh kiện  LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3203 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM3203_15 Datasheet HTML 3Page - Texas Instruments LM3203_15 Datasheet HTML 4Page - Texas Instruments LM3203_15 Datasheet HTML 5Page - Texas Instruments LM3203_15 Datasheet HTML 6Page - Texas Instruments LM3203_15 Datasheet HTML 7Page - Texas Instruments LM3203_15 Datasheet HTML 8Page - Texas Instruments LM3203_15 Datasheet HTML 9Page - Texas Instruments LM3203_15 Datasheet HTML 10Page - Texas Instruments LM3203_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
VCON VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VIN = 5.5V
VIN = 5.0V
VIN = 4.7V
TA = -30°C
TA = 25°C
TA = 85°C
ILIM-BYP
= 965 mA
Max Load
Capability
0
200
400
600
800
1000
1200
OUTPUT CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0.0
500 mA
LM3203
www.ti.com
SNVS355D – MAY 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 31, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Open/Closed Loop Current Limit
Output Voltage
vs
vs
Temperature
Output Current
(PWM Mode)
(BYP Mode, VIN = BYP = 3.6V)
Figure 9.
Figure 10.
Low VCON Voltage
Efficiency
vs
vs
Output Voltage
Output Voltage
(RLOAD = 15Ω)
(VIN = 3.9V)
Figure 11.
Figure 12.
Efficiency
Efficiency
vs
vs
Output Current
Output Current
(VOUT = 1.5V, VCON = 0.5V)
(VOUT = 3.25V, VCON = 1.08V)
Figure 13.
Figure 14.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3203


Số phần tương tự - LM3203_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
More results

Mô tả tương tự - LM3203_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com