công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3102-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3102-Q1
Giải thích chi tiết về linh kiện  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3102-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM3102-Q1 Datasheet HTML 1Page - Texas Instruments LM3102-Q1 Datasheet HTML 2Page - Texas Instruments LM3102-Q1 Datasheet HTML 3Page - Texas Instruments LM3102-Q1 Datasheet HTML 4Page - Texas Instruments LM3102-Q1 Datasheet HTML 5Page - Texas Instruments LM3102-Q1 Datasheet HTML 6Page - Texas Instruments LM3102-Q1 Datasheet HTML 7Page - Texas Instruments LM3102-Q1 Datasheet HTML 8Page - Texas Instruments LM3102-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
LM3102/-Q1 SIMPLE SWITCHER® Synchronous 1-MHz, 2.5-A
Step-Down Voltage Regulator
1 Features
Storage Systems
Broadband Infrastructure
1
LM3102-Q1 is an Automotive-Grade Product that
is AEC-Q100 Grade 1 Qualified (–40°C to +125°C
Direct Conversion from 2-, 3-, and 4-Cell Lithium
Operating Junction Temperature)
Batteries Systems
Low Component Count and Small Solution Size
3 Description
Stable With Ceramic and Other Low-ESR
The
LM3102/-Q1
SIMPLE
SWTCHER®
Capacitors
Synchronously Rectified Buck Converter features all
No Loop Compensation Required
required functions to implement a highly efficient and
High Efficiency at a Light Load by DCM Operation
cost-effective buck regulator. The device can supply
2.5 A to loads with an output voltage as low as 0.8 V.
Prebias Start-Up
Dual N-channel synchronous MOSFET switches
Ultra-Fast Transient Response
allow
a
low
component
count,
thus
reducing
Programmable Soft-Start
complexity and minimizing board size.
Programmable Switching Frequency up to 1 MHz
Different from most other COT regulators, the
Valley Current Limit
LM3102/-Q1 does not rely on output capacitor ESR
for stability, and is designed to work exceptionally
Output Overvoltage Protection
well with ceramic and other very low-ESR output
Precision Internal Reference for an Adjustable
capacitors.
The
device
requires
no
loop
Output Voltage Down to 0.8 V
compensation,
results
in
a
fast
load
transient
Thermal Shutdown
response and simple circuit implementation. The
operating frequency remains nearly constant with line
Key Specifications
variations due to the inverse relationship between the
Input Voltage Range 4.5 V to 42 V
input
voltage
and
the
ON-time.
The
operating
2.5-A Output Current
frequency can be externally programmed up to
0.8 V, ±1.5% Reference
1 MHz. Protection features include VCC undervoltage
lockout
(UVLO),
output
overvoltage
protection,
Integrated Dual N-Channel Main and
thermal
shutdown,
and
gate
drive
UVLO.
The
Synchronous MOSFETs
LM3102/-Q1 is available in the thermally enhanced
Thermally Enhanced HTSSOP-20 Package
HTSSOP-20 package, and LM3102 is also available
in a DSBGA low-profile chip-scale package with
2 Applications
reduced output current.
5-VDC, 12-VDC, 24-VDC, 12-VAC, and 24-VAC
Device Information(1)
Systems
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Embedded Systems and Industrial Control
LM3102
DSBGA (28)
3.645 mm × 2.45 mm
Automotive Telematics and Body Electronics
LM3102
HTSSOP (20)
6.50 mm × 4.40 mm
Point of Load Regulators
LM3102-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Load Current (VOUT = 3.3 V)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM3102-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102 TI1-LM3102 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3102MH NSC-LM3102MH Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3102MHX NSC-LM3102MHX Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
More results

Mô tả tương tự - LM3102-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com