công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL-SF1016DS bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện TL-SF1016DS
Giải thích chi tiết về linh kiện  10/100Mbps Desktop/Rackmount Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SF1016DS bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  TL-SF1016DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SF1016DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-SF1016DS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TL-SF1016DS / TL-SF1024D
16/24-Port 10/100Mbps
Desktop/Rackmount Switch
TP-LINK Green Technology
This new generation The TL-SF1016DS/TL-SF1024D 10/100Mbps Switch features the
latest innovative energy-ecient technologies that can greatly expand your
network capacity with much less power. It automatically adjusts power consump-
tion according to the link status and cable length to limit the carbon footprint of
your network. It also complies with the EU’S RoHS, prohibiting the use of certain
hazardous materials. Besides, 80% of the packaging material can be recycled.
High Performance
Featuring non-blocking switching architecture,TL-SF1016DS/TL-SF1024D forwards
and lters packets at full wire-speed for maximum throughput. And IEEE 802.3x ow
control for Full Duplex mode and backpressure for Half Duplex mode alleviate the
trac congestion and make TL-SF1016DS/TL-SF1024D work reliably.
Easy to Use
The auto features of this switch make installation plug and play and hassle-free. No
conguring is required. Auto MDI/MDIX eliminates the need for crossover cables.
Auto-negotiation on each port senses the link speed of a network device (10 or
100Mbps) and intelligently adjusts for compatibility and optimal performance.
Green Technology
Saving power 75%
Recyclable packaging material
High Performance
IEEE 802.3x ow control
Non-blocking switching
architecture
3.2/4.8 Gbps Switching
Capacity
Store and forward
Auto-MDI/MDIX
Auto-negotiation
MAC address auto-learning
and auto-aging
Easy to use
Plug and Play design
Quiet/Fanless design
Datasheet
www.tp-link.com
Copyright © 2013 TP-LINK Technologies Co., Ltd. All rights reserved.
24
/7
Global technical support
Details:http://www.tp-link.com/
support/Localesupport.asp
German/Austrian/Swiss users are
not included


Số phần tương tự - TL-SF1016DS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TL-SF1016D ETC2-TL-SF1016D Datasheet
477Kb / 2P
   16-Port 10/100M Desktop Switch
More results

Mô tả tương tự - TL-SF1016DS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
   8-Port 10/100Mbps Desktop Switch with 4-Port PoE
logo
Zarlink Semiconductor I...
MDS212 ZARLINK-MDS212 Datasheet
1Mb / 111P
   12-Port 10/100Mbps Ethernet Switch
MDS213 ZARLINK-MDS213 Datasheet
1Mb / 120P
   12-Port 10/100Mbps 1Gbps Ethernet Switch
logo
List of Unclassifed Man...
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
   16-Port 10/100Mbps Fast Ethernet Switch
IP1718LF ETC2-IP1718LF Datasheet
774Kb / 33P
   18-port 10/100Mbps Smart Switch Controller
logo
Advantech Co., Ltd.
EKI-3528-AE ADVANTECH-EKI-3528-AE Datasheet
901Kb / 2P
   8-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
TP-Link Technologies Co...
TL-SG105 TP-LINK-TL-SG105 Datasheet
491Kb / 3P
   10/100/1000Mbps Desktop Switch
logo
Advantech Co., Ltd.
EKI-3525-AE ADVANTECH-EKI-3525-AE Datasheet
901Kb / 2P
   5-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
Level One
FSW-2450 LVL1-FSW-2450 Datasheet
631Kb / 2P
   24-Port 10/100 Rackmount Switch
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com